Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 102 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 102 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 98Page - Advanced Micro Devices AM79C970A Datasheet HTML 99Page - Advanced Micro Devices AM79C970A Datasheet HTML 100Page - Advanced Micro Devices AM79C970A Datasheet HTML 101Page - Advanced Micro Devices AM79C970A Datasheet HTML 102Page - Advanced Micro Devices AM79C970A Datasheet HTML 103Page - Advanced Micro Devices AM79C970A Datasheet HTML 104Page - Advanced Micro Devices AM79C970A Datasheet HTML 105Page - Advanced Micro Devices AM79C970A Datasheet HTML 106Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 219 page
background image
AMD
P R E L I M I N A R Y
102
Am79C970A
terminate all network activity in an orderly sequence be-
fore issuing an S_RESET.
STOP
A STOP reset is generated by the assertion of the STOP
bit in CSR0. Writing a ONE to the STOP bit of CSR0,
when the stop bit currently has a value of ZERO, will in-
itiate a STOP reset. If the STOP bit is already a ONE,
then writing a ONE to the STOP bit will not generate a
STOP reset.
STOP will reset all or some portions of CSR0, 3, and 4 to
default values. For the identity of individual CSRs and bit
locations that are affected by STOP, see the individual
CSR register descriptions. STOP will not affect any of
the BCR and PCI configuration space locations. STOP
will cause the microcode program to jump to its reset
state. Following the end of the STOP operation, the
PCnet-PCI II controller will not attempt to read the
EEPROM device. Setting the STOP bit does not affect
the T-MAU.
Note that STOP will not cause a deassertion of the
REQ
signal, if it happens to be active at the time of the
write to CSR0. The PCnet-PCI II controller will wait
until it gains bus ownership and it will first finish all
scheduled bus master accesses before the STOP reset
is executed.
STOP terminates all network activity abruptly. The host
can use the suspend mode (SPND, CSR5, bit 0) to ter-
minate all network activity in an orderly sequence before
setting the STOP bit.
Software Access
PCI Configuration Registers
The PCnet-PCI II controller implements a 256-byte con-
figuration space as defined by the PCI specification
revision 2.0. The 64-byte header includes all registers
required to identify the PCnet-PCI II controller and its
function. Additional registers are used to setup the con-
figuration of the PCnet-PCI II controller in a system.
None of the device specific registers located at offsets
40h through FCh are implemented. The layout of the
PCnet-PCI II controller PCI configuration space is
shown in the table below.
The PCI configuration registers are accessible only by
configuration cycles. All multi-byte numeric fields follow
little endian byte ordering. All write accesses to Re-
served locations have no effect; reads from these loca-
tions will return a data value of ZERO.
Table 18. PCI Configuration Space Layout
Device ID
Vendor ID
00h
Status
Command
04h
Base-Class
Sub-Class
Programming IF
Revision ID
08h
Reserved
Header Type
Latency Timer
Reserved
0Ch
I/O Base Address
10h
Memory Mapped I/O Base Address
14h
Reserved
18h
Reserved
1Ch
Reserved
20h
Reserved
24h
Reserved
28h
Reserved
2Ch
Expansion ROM Base Address
30h
Reserved
34h
Reserved
38h
MAX_LAT
MIN_GNT
Interrupt Pin
Interrupt Line
3Ch
Reserved
40h
Reserved
Reserved
FCh
31
24 23
16 15
8
7
0
Offset
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com