Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 108 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 108 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 104Page - Advanced Micro Devices AM79C970A Datasheet HTML 105Page - Advanced Micro Devices AM79C970A Datasheet HTML 106Page - Advanced Micro Devices AM79C970A Datasheet HTML 107Page - Advanced Micro Devices AM79C970A Datasheet HTML 108Page - Advanced Micro Devices AM79C970A Datasheet HTML 109Page - Advanced Micro Devices AM79C970A Datasheet HTML 110Page - Advanced Micro Devices AM79C970A Datasheet HTML 111Page - Advanced Micro Devices AM79C970A Datasheet HTML 112Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 219 page
background image
AMD
P R E L I M I N A R Y
108
Am79C970A
address so that the device does
not claim cycles not intended
for it.
MEMEN is cleared by H_RESET
and is not effected by S_RESET
or by setting the STOP bit.
0
IOEN
I/O Space access enable. The
PCnet-PCI II controller will ignore
all I/O accesses when IOEN is
cleared. The host must set IOEN
before the first I/O access to the
device.
The
PCI
I/O
Base
Address
register
must
be
programmed with a valid I/O ad-
dress before setting IOEN.
IOEN is cleared by H_RESET
and is not effected by S_RESET
or by setting the STOP bit.
PCI Status Register (Offset 06h)
The PCI Status register is a 16-bit register that contains
status information for the PCI bus related events. It is lo-
cated at offset 06h in the PCI Configuration Space.
Bit
Name
Description
15
PERR
Parity Error. PERR is set when
the PCnet-PCI II controller de-
tects a parity error.
The PCnet-PCI II controller sam-
ples the AD[31:0], C/
BE[3:0] and
the PAR lines for a parity error at
the following times:
In
slave
mode,
during
the
address
phase
of
any
PCI
bus command.
In slave mode, for all I/O, mem-
ory
and
configuration
write
commands
that
select
the
PCnet-PCI II controller when
data is transferred (
TRDY and
IRDY are asserted).
In master mode, during the
data
phase
of
all
memory
read commands.
In master mode, during the data
phase of the memory write com-
mand, the PCnet-PCI II controller
sets the PERR bit if the target re-
ports a data parity error by as-
serting the
PERR signal.
PERR is not effected by the state
of the Parity Error Response en-
able bit (PCI Command register,
bit 6).
PERR is set by the PCnet-PCI II
controller and cleared by writing
a ONE. Writing a ZERO has no
effect.
PERR
is
cleared
by
H_RESET and is not affected by
S_RESET or by setting the
STOP bit.
14
SERR
Signaled SERR. SERR is set
when the PCnet-PCI II controller
detects an address parity error,
and both SERREN and PERREN
(PCI Command register, bits 8
and 6) are set.
SERR is set by the PCnet-PCI II
controller and cleared by writing
a ONE. Writing a ZERO has no
effect.
SERR
is
cleared
by
H_RESET and is not affected by
S_RESET or by setting the
STOP bit.
13
RMABORT
Received
Master
Abort.
RMABORT is set when the
PCnet-PCI II controller termi-
nates a master cycle with a mas-
ter abort sequence.
RMABORT
is
set
by
the
PCnet-PCI
II
controller
and
cleared by writing a ONE. Writing
a
ZERO
has
no
effect.
RMABORT
is
cleared
by
H_RESET and is not affected by
S_RESET or by setting the
STOP bit.
12
RTABORT
Received
Target
Abort.
RTABORT is set when a target
terminates a PCnet-PCI II con-
troller master cycle with a target
abort sequence.
RTABORT
is
set
by
the
PCnet-PCI
II
controller
and
cleared by writing a ONE. Writing
a
ZERO
has
no
effect.
RTABORT
is
cleared
by
H_RESET and is not affected by
S_RESET or by setting the
STOP bit.
11
STABORT
Send Target Abort. Read as
ZERO, write operations have
no effect. The PCnet-PCI II con-
troller will never terminate a
slave
access
with
a
target
abort sequence.
STABORT is read only.
10–9 DEVSEL
Device Select timing. DEVSEL is
set to 01b (medium), which
means that the PCnet-PCI II
controller will assert
DEVSEL
two clock periods after
FRAME
is asserted.
DEVSEL is read only.
8
DATAPERR
Data
Parity
Error
detected.
DATAPERR is set when the
PCnet-PCI II controller is the cur-
rent bus master and it detects a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com