Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 122 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 122 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 118Page - Advanced Micro Devices AM79C970A Datasheet HTML 119Page - Advanced Micro Devices AM79C970A Datasheet HTML 120Page - Advanced Micro Devices AM79C970A Datasheet HTML 121Page - Advanced Micro Devices AM79C970A Datasheet HTML 122Page - Advanced Micro Devices AM79C970A Datasheet HTML 123Page - Advanced Micro Devices AM79C970A Datasheet HTML 124Page - Advanced Micro Devices AM79C970A Datasheet HTML 125Page - Advanced Micro Devices AM79C970A Datasheet HTML 126Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 219 page
background image
AMD
P R E L I M I N A R Y
122
Am79C970A
Read/Write accessible always.
MPEN is cleared to ZERO by
H_RESET or S_RESET and is
not
affected
by
setting
the
STOP bit.
1
MPMODE
Magic Packet Mode. Setting
MPMODE to ONE will redefine
the
SLEEP pin to be a magic
packet
enable
pin.
The
PCnet-PCI II controller will enter
the magic packet mode when
MPMODE is set to one and either
SLEEP is asserted or MPEN is
set to ONE.
Read/Write accessible always.
MPMODE is cleared to ZERO by
H_RESET or S_RESET and is
not
affected
by
setting
the
STOP bit.
0
SPND
Suspend. Setting SPND to ONE
will cause the PCnet-PCI II con-
troller to start entering the sus-
pend mode. The host must poll
SPND until it reads back ONE to
determine that the PCnet-PCI II
controller has entered the sus-
pend mode. Setting SPND to
ZERO will get the PCnet-PCI II
controller out of suspend mode.
SPND can only be set to ONE if
STOP (CSR0, bit 2) is cleared to
ZERO. H_RESET, S_RESET or
setting the STOP bit will get the
PCnet-PCI II controller out of
suspend mode.
When the host requests the
PCnet-PCI II controller to enter
the suspend mode, the device
first finishes all on-going transmit
activity and updates the corre-
sponding transmit descriptor en-
tries. It then finishes all on-going
receive activity and updates the
corresponding receive descriptor
entries. It then sets the read-ver-
sion of SPND to ONE and enters
the suspend mode.
In suspend mode, all of the
CSR and BCR registers are
accessible.
As
long
as
the
PCnet-PCI II controller is not re-
set while in suspend mode (by
H_RESET, S_RESET or by set-
ting the STOP bit), no re-initiali-
zation of the device is required
after the device comes out of
suspend mode. The PCnet-PCI II
controller will continue at the
transmit and receive descriptor
ring locations where it had left off.
Read/Write accessible always.
SPND is cleared by H_RESET,
S_RESET or by setting the
STOP bit.
CSR6: RX/TX Descriptor Table Length
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–12 TLEN
Contains a copy of the transmit
encoded ring length (TLEN) field
read from the initialization block
during PCnet-PCI II controller in-
itialization. This field is written
during the PCnet-PCI II controller
initialization routine.
Read
accessible
only
when
either the STOP or the SPND bit
is set. Write operations have no
effect and should not be per-
formed. TLEN is only defined
after initialization. These bits
are unaffected by H_RESET,
S_RESET or by setting the
STOP bit.
11–8
RLEN
Contains a copy of the receive
encoded ring length (RLEN) read
from
the
initialization
block
during PCnet-PCI II controller
initialization. This field is written
during the PCnet-PCI II controller
initialization routine.
Read
accessible
only
when
either the STOP or the SPND bit
is set. Write operations have no
effect and should not be per-
formed. RLEN is only defined af-
ter
initialization.
These
bits
are unaffected by H_RESET,
S_RESET or by setting the
STOP bit.
7–0
RES
Reserved
locations.
Read
as ZEROs. Write operations
are ignored.
CSR8: Logical Address Filter 0
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0LADRF[15:0]
Logical
Address
Filter,
LADRF[15:0]. The content of this
register is undefined until loaded
from the initialization block after
the INIT bit in CSR0 has been set
or a direct register write has been
performed on this register.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. These bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com