Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 132 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 132 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 128Page - Advanced Micro Devices AM79C970A Datasheet HTML 129Page - Advanced Micro Devices AM79C970A Datasheet HTML 130Page - Advanced Micro Devices AM79C970A Datasheet HTML 131Page - Advanced Micro Devices AM79C970A Datasheet HTML 132Page - Advanced Micro Devices AM79C970A Datasheet HTML 133Page - Advanced Micro Devices AM79C970A Datasheet HTML 134Page - Advanced Micro Devices AM79C970A Datasheet HTML 135Page - Advanced Micro Devices AM79C970A Datasheet HTML 136Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 219 page
background image
AMD
P R E L I M I N A R Y
132
Am79C970A
(SWSTYLE,
bits
7–0
of
this register).
Read
accessible
always.
CSRPCNET is read only. Write
operations
will
be
ignored.
CSRPCNET will be set after
H_RESET (since SWSTYLE de-
faults to ZERO) and is not af-
fected by S_RESET or by setting
the STOP bit.
8
SSIZE32
32-Bit Software Size. When set,
this
bit
indicates
that
the
PCnet-PCI II controller utilizes
32-bit software structures for the
initialization block and the trans-
mit and receive descriptor en-
tries. When cleared, this bit
indicates that the PCnet-PCI II
controller utilizes 16-bit software
structures for the initialization
block and the transmit and
receive descriptor entries. In this
mode the PCnet-PCI II controller
is backwards compatible with
the Am79C90 C-LANCE and
Am79C960 PCnet-ISA.
The value of SSIZE32 is deter-
mined by the PCnet-PCI II con-
troller according to the setting of
the Software Style (SWSTYLE,
bits 7–0 of this register).
Read
accessible
always.
SSIZE32 is read only. Write
operations
will
be
ignored.
SSIZE32 will be cleared after
H_RESET (since SWSTYLE de-
faults to ZERO) and is not
affected by S_RESET or by set-
ting the STOP bit.
If SSIZE32 is cleared to ZERO,
then bits IADR[31:24] of CSR2
will be used to generate values
for the upper 8 bits of the 32 bit
address
bus
during
master
accesses
initiated
by
the
PCnet-PCI II controller. This
action is required, since the
16-bit software structures will
yield only 24 bits of address for
PCnet-PCI
II
controller
bus
master accesses.
If SSIZE32 is set to ONE, then
the software structures that are
common to the PCnet-PCI II con-
troller and the host system will
supply a full 32 bits for each ad-
dress pointer that is needed by
the PCnet-PCI II controller for
performing master accesses.
The value of the SSIZE32 bit has
no effect on the drive of the upper
8 address bits. The upper 8 ad-
dress pins are always driven, re-
gardless of the state of the
SSIZE32 bit.
Note that the setting of the
SSIZE32 bit has no effect on the
width for I/O accesses. I/O
access width is determined by
the
state
of
the
DWIO
bit
(BCR18, bit 7).
7–0 SWSTYLE
Software
Style
register.
The
value in this register determines
the style of register and memory
resources that shall be used by
the PCnet-PCI II controller. The
Software Style selection will af-
fect the interpretation of a few
bits within the CSR space, the or-
der of the descriptor entries and
the width of the descriptors and
initialization block entries.
All PCnet-PCI II controller CSR
bits and BCR bits and all descrip-
tor, buffer and initialization block
entries not cited in the table
above are unaffected by the soft-
ware style selection.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. The SWSTYLE
register will contain the value 00h
following H_RESET and will be
unaffected by S_RESET or by
setting the STOP bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com