Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 135 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 135 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 131Page - Advanced Micro Devices AM79C970A Datasheet HTML 132Page - Advanced Micro Devices AM79C970A Datasheet HTML 133Page - Advanced Micro Devices AM79C970A Datasheet HTML 134Page - Advanced Micro Devices AM79C970A Datasheet HTML 135Page - Advanced Micro Devices AM79C970A Datasheet HTML 136Page - Advanced Micro Devices AM79C970A Datasheet HTML 137Page - Advanced Micro Devices AM79C970A Datasheet HTML 138Page - Advanced Micro Devices AM79C970A Datasheet HTML 139Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 219 page
background image
P R E L I M I N A R Y
AMD
135
Am79C970A
transmit descriptor. This counter
interprets the value in CSR78 as
pointing to the first descriptor. A
counter value of ZERO corre-
sponds to the last descriptor in
the ring.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET or by setting the
STOP bit.
CSR76: Receive Descriptor Ring Length
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 RCVRL
Receive Descriptor Ring Length.
Contains the two’s complement
of the receive descriptor ring
length. This register is initialized
during the PCnet-PCI II controller
initialization routine based on the
value in the RLEN field of the in-
itialization block. However, the
ring length can be programmed
to any value from 1 to 65535 by
writing directly to this register.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET or by setting the
STOP bit.
CSR78: Transmit Descriptor Ring Length
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 XMTRL
Transmit
Descriptor
Ring
Length.
Contains
the
two’s
complement of the transmit de-
scriptor ring length. This register
is initialized during the PCnet-
PCI II controller initialization rou-
tine based on the value in the
TLEN field of the initialization
block. However, the ring length
can be programmed to any value
from 1 to 65535 by writing directly
to this register.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET or by setting the
STOP bit.
CSR80: DMA Transfer Counter and FIFO
Watermark Control
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–14
RES
Reserved locations. Read as
ONEs and written as ZEROs. Ac-
cessible only when either the
STOP or the SPND bit is set.
13–12RCVFW[1:0]
Receive
FIFO
Watermark.
RCVFW specifies the number of
bytes which must be present in
the receive FIFO (once the frame
has been verified as a non-runt)
before
receive
DMA
is
re-
quested. If the network interface
is operating in half-duplex mode,
at least 64 bytes or a complete
frame must be received in order
for a receive DMA to start. This
effectively avoids having to react
to receive frames which are runts
or suffer a collision during the slot
time (512 bit times). If the Runt
Packet Accept feature is enabled
or if the network interface is oper-
ating in full-duplex mode, receive
DMA will be requested as soon
as either the Receive FIFO Wa-
termark is reached, or a com-
plete valid receive frame is
detected (regardless of length). If
the EADI interface is active and
the Runt Packet Accept feature is
enabled or the network interface
is
operating
in
full-duplex
mode, RCVFW must not be
programmed to 00b to allow
enough time to reject the frame.
Table 26. Receive Watermark Programming
RCVFW[1:0]
Bytes Received
00
16
01
64
10
128
11
Reserved
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. RCVFW is set
to a value of 01b (64 bytes) after
H_RESET or S_RESET and
is unaffected by setting the
STOP bit.
11–10XMTSP[1:0]
Transmit Start Point. As soon as
the number of bytes in the trans-
mit FIFO reaches the XMTSP
value, the PCnet-PCI II controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com