Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 138 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 138 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 134Page - Advanced Micro Devices AM79C970A Datasheet HTML 135Page - Advanced Micro Devices AM79C970A Datasheet HTML 136Page - Advanced Micro Devices AM79C970A Datasheet HTML 137Page - Advanced Micro Devices AM79C970A Datasheet HTML 138Page - Advanced Micro Devices AM79C970A Datasheet HTML 139Page - Advanced Micro Devices AM79C970A Datasheet HTML 140Page - Advanced Micro Devices AM79C970A Datasheet HTML 141Page - Advanced Micro Devices AM79C970A Datasheet HTML 142Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 219 page
background image
AMD
P R E L I M I N A R Y
138
Am79C970A
15–12
RES
Reserved locations. Read and
written with ONEs.
11–0 DMABC
DMA Byte Count Register. Con-
tains the two’s complement of the
remaining size of the current
transmit or receive buffer in
bytes. This register is incre-
mented by the Bus Interface Unit.
The DMABC register is unde-
fined until written.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET or by setting the
STOP bit.
CSR88: Chip ID Register Lower
Bit
Name
Description
31 – 28 VER
Version. This 4-bit pattern is sili-
con-revision dependent.
Read accessible always. VER is
read
only.
Write
operations
are ignored.
27 – 12PARTID
Part number. The 16-bit code for
the PCnet-PCI II controller is
0010 0110 0010 0001b (2621h).
This register is exactly the same
as the Device ID register in the
JTAG description. It is, however,
different from the ID stored in
the Device ID register in the PCI
configuration space.
Read accessible always. PAR-
TID is read only. Write operations
are ignored.
11 – 1 MANFID
Manufacturer
ID.
The
11-bit
manufacturer code for AMD is
00000000001b. This code is per
the JEDEC Publication 106-A.
Note that this code is not the
same as the Vendor ID in the PCI
configuration space.
Read
accessible
always.
MANFID is read only. Write op-
erations are ignored.
0
ONE
Always a logic ONE.
Read accessible always. ONE is
read
only.
Write
operations
are ignored.
CSR89: Chip ID Register Upper
Bit
Name
Description
31 – 16 RES
Reserved
locations.
Read
as undefined.
15 – 12 VER
Version. This 4-bit pattern is sili-
con-revision dependent.
Read accessible always. VER is
read
only.
Write
operations
are ignored.
11 – 0PARTIDU
Upper 12 bits of the PCnet-PCI II
controller part number. I.e. 0010
0110 0010b.
Read
accessible
always.
PARTIDU is read only. Write op-
erations are ignored.
CSR94: Transmit Time Domain Reflectometry
Count
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–10
RES
Reserved locations. Read and
written as ZEROs.
9–0
XMTTDR
Time Domain Reflectometry re-
flects the state of an internal
counter that counts from the start
of transmission to the occurrence
of loss of carrier. TDR is incre-
mented at a rate of 10 MHz.
Read
accessible
only
when
either the STOP or the SPND bit
is set. Write operations are ig-
nored. XMTTDR is cleared by
H_RESET or S_RESET.
CSR100: Bus Timeout
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 MERRTO
This register contains the value
of the longest allowable bus la-
tency (interval between assertion
of
REQ and assertion of GNT)
that a system may insert into a
PCnet-PCI II controller master
transfer. If this value of bus la-
tency is exceeded, then MERR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com