Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 136 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 136 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 132Page - Advanced Micro Devices AM79C970A Datasheet HTML 133Page - Advanced Micro Devices AM79C970A Datasheet HTML 134Page - Advanced Micro Devices AM79C970A Datasheet HTML 135Page - Advanced Micro Devices AM79C970A Datasheet HTML 136Page - Advanced Micro Devices AM79C970A Datasheet HTML 137Page - Advanced Micro Devices AM79C970A Datasheet HTML 138Page - Advanced Micro Devices AM79C970A Datasheet HTML 139Page - Advanced Micro Devices AM79C970A Datasheet HTML 140Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 219 page
background image
AMD
P R E L I M I N A R Y
136
Am79C970A
starts trying to transmit. When
the entire frame is in the FIFO,
transmission attempts will start
regardless
of
the
value
in
XMTSP. If the network interface
is operating in half-duplex mode,
regardless of XMTSP, the FIFO
will not internally overwrite its
data until at least 64 bytes (or the
entire frame if shorter than 64
bytes) have been transmitted
onto the network. This ensures
that for collisions within the slot
time window, transmit data need
not be reloaded into the transmit
FIFO, and retries will be handled
autonomously by the MAC. If the
Disable Retry feature is enabled,
or if the network is operating in
full-duplex mode, the PCnet-PCI
II controller can overwrite the be-
ginning of the frame as soon as
the data is transmitted, because
no collision handling is required
in these modes.
Table 27. Transmit Start Point Programming
XMTSP[1:0]
Bytes Written
00
8
01
64
10
128
11
248
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. XMTSP is set to
a value of 01b (64 bytes) after
H_RESET or S_RESET and
is unaffected by setting the
STOP bit.
9–8 XMTFW[1:0]
Transmit
FIFO
Watermark.
XMTFW controls the point at
which
transmit
DMA
is
re-
quested. Transmit DMA is re-
quested when the number of
bytes specified by XMTFW can
be written to the transmit FIFO.
Table 28. Transmit Watermark Programming
XMTFW[1:0]
Byte Spaces Available
00
16
01
64
10
128
11
Reserved
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. XMTFW is set to
a
value
of
00b
(16
bytes)
after H_RESET or S_RESET
and is unaffected by setting the
STOP bit.
7–0 DMATC[7:0]
DMA
Transfer
Counter.
If
DMAPLUS (CSR4, bit 14) is
cleared to ZERO, this counter
contains the maximum number
of FIFO read or write data phases
the PCnet-PCI II controller will
perform during a single bus mas-
tership period, if not preempted.
The DMA Transfer Counter is not
used to limit the number of data
phases during initialization block
or descriptor transfers. A value of
ZERO will be interpreted as one
data phase. If DMAPLUS is set to
ONE, the DMA Transfer Counter
is disabled, and the PCnet-PCI II
controller will try to transfer data
as long as the transmit FIFO is
not full or as long as the receive
FIFO is not empty.
When the PCnet-PCI II controller
is preempted and the last data
phase has finished, DMATC will
freeze. It will continue counting
down when the PCnet-PCI II
controller is granted bus owner-
ship again and continues with the
data transfers.
DMATC should not be enabled
when the PCnet-PCI II controller
is used in a PCI bus application.
The PCI Latency Timer should be
the only entity governing the time
the PCnet-PCI II controller has
control over the bus.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. Note that the
read operation will yield the value
of the run-time copy of the DMA
Transfer Counter and not the
register
that
holds
the
pro-
grammed value. Most read op-
erations will yield a value of
ZERO, because the run-time
counter is only reloaded with
the programmed value at the be-
ginning of a new bus mastership
period.
The
DMA
Transfer
Counter is set to a value of
16 (10h) after H_RESET or
S_RESET and is unaffected by
setting the STOP bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com