Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 123 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 119Page - STMicroelectronics ST9 Datasheet HTML 120Page - STMicroelectronics ST9 Datasheet HTML 121Page - STMicroelectronics ST9 Datasheet HTML 122Page - STMicroelectronics ST9 Datasheet HTML 123Page - STMicroelectronics ST9 Datasheet HTML 124Page - STMicroelectronics ST9 Datasheet HTML 125Page - STMicroelectronics ST9 Datasheet HTML 126Page - STMicroelectronics ST9 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 146 page
background image
123/146
ST9 USER GUIDE
5.4.3.2 Initialisation Code
The initialisation code mainly has to initialise the core. The core contains certain control regis-
ters that must be set to correct values or the program will fail to start. They are listed in the
table below. They are in the order they are initialized in a typical start-up file, though this order
is somewhat arbitrary.
Register
Number
Register
Name
Function(*)
Comments
235
MODER
Selects the space
where the stacks re-
side (register file or
memory), main clock
divider on/off, clock
prescaler division
rate.
If power and electromagnetic interference are not a
concern, the prescaler can be set to zero so that the
processor runs at full speed. Otherwise, the speed/
consumption trade-off can be handled at will accord-
ing to the needs of the program.
231
FLAGR
Selects the single
space of twin-space
mode for the memory.
In the “ST9” mode the DP bit of this register selects
program memory when cleared, or data memory
when set. It must be changed using the sdm and spm
instructions. Typically, one of these is used at the be-
ginning of the program and remains unchanged after-
wards. On some occasions, it may be changed, for
example to access tables of constants in ROM if two
spaces are used.
Therefore in “ST9” mode, DP must be set with the
sdm instruction (used only once in the start-up pro-
gram) to set the use of DPR register to address data
memory. The spm instruction must not be used. To
access data through the CSR register, use the ldpd,
lddp or ldpp instruction.
238-239
SSP
Position of the top of
the system stack in
memory or register
file
No subroutine or function call may be performed be-
fore the initialisation of SSP and MODER. Note that
since a call first decrements the stack pointer by two
and then writes the return address, if the stack is po-
sitioned in the register file, it may be initialised to the
register number of the top of stack + 1 to save stack
space.
236-237
USP
Position of the top of
the user stack in
memory or register
file. Unused if only
one stack is used.
232-233
RP0-RP1
Selects the mode for
the working registers
as well as the abso-
lute register numbers
for r0 and r8.
These registers are set using the srp, srp0 and srp1
instructions. See the description of working registers
in
Section 3.1.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com