Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9 Datasheet(PDF) 124 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 120Page - STMicroelectronics ST9 Datasheet HTML 121Page - STMicroelectronics ST9 Datasheet HTML 122Page - STMicroelectronics ST9 Datasheet HTML 123Page - STMicroelectronics ST9 Datasheet HTML 124Page - STMicroelectronics ST9 Datasheet HTML 125Page - STMicroelectronics ST9 Datasheet HTML 126Page - STMicroelectronics ST9 Datasheet HTML 127Page - STMicroelectronics ST9 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 146 page
background image
124/146
ST9 USER GUIDE
230
CICR
Enables the MFTs,
enables the inter-
rupts, selects the ar-
bitration mode
(concurrent mode or
nested mode), and
the priority level of the
main program.
The GCEN bit of this register enables all the MFTs at
once. It may also be set once the MFTs are all initial-
ised, if it is desired that they be synchronised or that
they do not start before the remainder of the program
is ready.
The IEN bit enables all the interrupts at once. Again,
it may be set now, or only when the remainder of the
program is ready to process them.
The IAM bit selects either Concurrent Mode or Nested
Mode. It is better to do it now.
The three bits, CPL2 to CPL0, set the level of the
main program. Its value depends on the structure of
the program. Typically, it is set to 7, since the main
program is likely to be the low-priority process. See
the paragraph on interrupts in
Section 3.4.
234
PPR
Sets the page
number for the paged
register group; set to
zero.
This register will probably be changed several times
during the execution of the program. It is first set now,
if the WCR needs to be initialised.
250
page 0
WDTPR
Prescaler register of
the WatchDog Timer.
If the WDT is used as a watchdog(†), it should be ini-
tialised before the WDGEN bit is cleared in the WCR
register below. In this case, it is advisable to initialise
it right now. See note for values.
248-249
page 0
WDTHR+W
DTLR
Reload register of the
WDT.
Same note as above.
251
page 0
WDTCR
Mode control register
of the WDT.
Same note as above.
252
page 0
WCR
Starts (or not) the
watchdog function of
the WDT, selects the
wait states for exter-
nal memory access
independently for up-
per and lower memo-
ries.
If you use the Watchdog function, first initialise the
Watchdog Timer. You can start it later using the
WDGEN bit of this register, but no protection is on be-
fore this time.
The external memory access is set by default to the
maximum number of wait states to allow the program
to start. You should reduce it to the exact number re-
quired by the type of memory to achieve maximum
performance.
(*)
Some register functions may not be mentioned if not relevant for the initialisation.
(†) Device Datasheet; §9
Register
Number
Register
Name
Function(*)
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com