Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 54 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 50Page - STMicroelectronics PM0237 Datasheet HTML 51Page - STMicroelectronics PM0237 Datasheet HTML 52Page - STMicroelectronics PM0237 Datasheet HTML 53Page - STMicroelectronics PM0237 Datasheet HTML 54Page - STMicroelectronics PM0237 Datasheet HTML 55Page - STMicroelectronics PM0237 Datasheet HTML 56Page - STMicroelectronics PM0237 Datasheet HTML 57Page - STMicroelectronics PM0237 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 88 page
background image
Design an application using BlueNRG, BlueNRG-MS ACI APIs
PM0237
54/88
DocID027104 Rev 2
3.4
Create a connection: discoverable and connectable APIs
In order to establish a connection between a BlueNRG GAP central (master) device and a
BlueNRG GAP peripheral (slave) device, the GAP discoverable/connectable modes and
procedures can be used as described in Table 34: ACI: GAP modes APIs, Table 35: ACI:
discovery procedures APIs, Table 36: ACI: connection procedures APIs and by following the
related ACI APIs described in the user manuals UM1755 and UM1865, Section 4:
References.
GAP peripheral discoverable and connectable modes APIs
Different types of discoverable and connectable modes can be used as described by the
following APIs:
Table 34. ACI: GAP modes APIs
API
Supported advertising
event types
Description
aci_gap_set_discoverable()
0x00: connectable
undirected advertising
(default)
Sets the device in general
discoverable mode.
The device is discoverable until
the host issues the
aci_gap_set_non_discover
able()
API.
0x02: scannable undirected
advertising
0x03: non-connectable
undirected advertising
aci_gap_set_limited_discoverable(
)
0x00: connectable
undirected advertising
(default);
Sets the device in limited
discoverable mode. The device
is discoverable for a maximum
period of TGAP
(lim_adv_timeout) = 180
seconds. The advertising can be
disabled at any time by calling
aci_gap_set_non_discover
able()
API
0x02: scannable undirected
advertising;
0x03: non-connectable
undirected advertising.
aci_gap_set_non_discoverable()
NA
Sets the device in non-
discoverable mode. This
command disables the LL
advertising and sets the device in
standby state.
aci_gap_set_direct_connectable()
NA
Sets the device in direct
connectable mode. The device is
directed connectable mode only
for 1.28 seconds. If no
connection is established within
this duration, the device enters
non-discoverable mode and
advertising has to be
enabled again explicitly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com