Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 69 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 65Page - STMicroelectronics PM0237 Datasheet HTML 66Page - STMicroelectronics PM0237 Datasheet HTML 67Page - STMicroelectronics PM0237 Datasheet HTML 68Page - STMicroelectronics PM0237 Datasheet HTML 69Page - STMicroelectronics PM0237 Datasheet HTML 70Page - STMicroelectronics PM0237 Datasheet HTML 71Page - STMicroelectronics PM0237 Datasheet HTML 72Page - STMicroelectronics PM0237 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 88 page
background image
DocID027104 Rev 2
69/88
PM0237
Design an application using BlueNRG, BlueNRG-MS ACI APIs
88
3.6.1
Service discovery procedures and related GATT events
Following is a list of the service discovery APIs with related description.
The following pseudocode example illustrates the aci_gatt_disc_all_prim_services()
API:
/* GAP Central starts a discovery all services procedure: conn_handle is the
connection handle returned on HCI_Event_CB() event callback,
EVT_LE_CONN_COMPLETE event */
if (aci_gatt_disc_all_prim_services(conn_handle) != BLE_STATUS_SUCCESS)
{
if (ret != BLE_STATUS_SUCCESS) PRINTF("Failure.\n")}
}
The responses of the procedure are given through the
EVT_BLUE_ATT_READ_BY_GROUP_RESP
event raised on HCI_Event_CB() callback
(EVT_VENDOR as main event) . The end of the procedure is indicated by
EVT_BLUE_GATT_PROCEDURE_COMPLETE
event on the HCI_Event_CB() callback
(EVT_VENDOR as main event):
void HCI_Event_CB(void *pckt)
{
hci_uart_pckt *hci_pckt = pckt;
hci_event_pckt *event_pckt = (hci_event_pckt*)hci_pckt->data;
if(hci_pckt->type != HCI_EVENT_PKT return;
switch(event_pckt->evt){
case EVT_VENDOR:
{
Table 43. ACI: service discovery procedures APIs
Discovery Service API
Description
aci_gatt_disc_all_prim_services()
This API starts the GATT client procedure to
discover all primary services on the GATT server.
It is used when a GATT client connects to a
device and it wants to find all the primary services
provided on the device to determine what it can
do.
aci_gatt_disc_ prim_services_by_service_uuid()
This API starts the GATT client procedure to
discover a primary service on the GATT server
by using its UUID. It is used when a GATT client
connects to a device and it wants to find a
specific service without the need to get any other
services.
aci_gatt_find_included_services()
This API starts the procedure to find all included
services. It is used when a GATT client wants to
discover secondary services once the primary
services have been discovered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com