Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 20 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 16Page - STMicroelectronics PM0237 Datasheet HTML 17Page - STMicroelectronics PM0237 Datasheet HTML 18Page - STMicroelectronics PM0237 Datasheet HTML 19Page - STMicroelectronics PM0237 Datasheet HTML 20Page - STMicroelectronics PM0237 Datasheet HTML 21Page - STMicroelectronics PM0237 Datasheet HTML 22Page - STMicroelectronics PM0237 Datasheet HTML 23Page - STMicroelectronics PM0237 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 88 page
background image
Bluetooth low energy technology
PM0237
20/88
DocID027104 Rev 2
1.7
Security Manager (SM)
The Bluetooth low energy link layer supports encryption and authentication by using the
Cipher Block Chaining-Message Authentication Code (CCM) algorithm and a 128-bit AES
block cipher. When encryption and authentication are used in a connection, a 4-byte
Message Integrity Check (MIC) is appended to the payload of the data channel PDU.
Encryption is applied to both the PDU payload and MIC fields.
When two devices want to encrypt the communication during the connection, the Security
Manager uses the pairing procedure. This procedure allows to authenticate two devices
and creates a common link key that can be used as a basis for a trusted relationship or a
(single) secure connection.
Pairing procedure is a three-phase process.
Phase 1: pairing feature exchange
•
The two connected devices communicates their input/output capabilities by using the
Pairing request message. This message also contains a bit stating if out-of-band data
is available and the authentication requirements.
•
There are three input capabilities:
a)
no input;
b)
the ability to select yes/no;
c)
the ability to input a number by using the keyboard.
•
There are two output capabilities:
–
No output;
–
Numeric output: ability to display a six-digit number
The information exchanged in Phase 1 is used to select which STK generation method is
used in Phase 2.
Phase 2: short term key (STK) generation:
•
The pairing devices first define a Temporary Key (TK), by using one of the following
methods.
a)
The out-of-band (OOB) method which uses out of band communication (example:
NFC) for the TK agreement (it is selected if the out-of-band bit is set);
b)
Passkey Entry method: user passes six numeric digits as the TK between the
devices;
c)
Just Works: this method is not authenticated, and it does not provide any
protection against man-in-the-middle (MITM) attacks.
Table 10. Combination of Input/Output capabilities on a BLE device
No output
Display
No input
No Input No output
Display Only
Yes/No
No Input No output
Display Yes/No
Keyboard
Keyboard only
Keyboard Display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com