Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 50 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 46Page - STMicroelectronics PM0237 Datasheet HTML 47Page - STMicroelectronics PM0237 Datasheet HTML 48Page - STMicroelectronics PM0237 Datasheet HTML 49Page - STMicroelectronics PM0237 Datasheet HTML 50Page - STMicroelectronics PM0237 Datasheet HTML 51Page - STMicroelectronics PM0237 Datasheet HTML 52Page - STMicroelectronics PM0237 Datasheet HTML 53Page - STMicroelectronics PM0237 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 88 page
background image
Design an application using BlueNRG, BlueNRG-MS ACI APIs
PM0237
50/88
DocID027104 Rev 2
switch(event_pckt->evt){
case EVT_DISCONN_COMPLETE: /* BlueNRG disconnection event */
{
/* Add user code for handling BLE disconnect event based on
application scenarios
*/
.........
}
break;
case EVT_LE_META_EVENT:
{
/* Get the meta event data */
evt_le_meta_event *evt = (void *)event_pckt->data;
/* Analyze the specific sub event */
switch(evt->subevent){
case EVT_LE_CONN_COMPLETE:/* BlueNRG connection event */
{
/* connection complete event: get the related data */
evt_le_connection_complete *cc = (void *)evt->data;
/* Connection parameters:
cc->status: connection status (0x00: Connection successfully
completed);
cc->handle: connection handle to be used for the communication during
the
connection;
cc->role: BLE device role (0x01: master; 0x02: slave);
cc->peer_bdaddr_type: connected device address type (0x00: public;
0x01:
random);
cc->peer_bdaddr: connected device address;
cc->interval: connection interval;
cc->latency: connection latency;
cc->supervision_timeout: connection supervision timeout;
cc->master_clock_accuracy: master clock accuracy;
*/
/* Add user code for handling connection event based on application
scenarios */
conn_handle = cc->handle;
.....
} /* EVT_LE_CONN_COMPLETE */
break;
} /* switch(evt->subevent) */
} /* EVT_LE_META_EVENT */
break;
case EVT_VENDOR:
{
/* Get the vendor event data */
evt_blue_aci *blue_evt = (void*)event_pckt->data;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com