Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 40 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 36Page - STMicroelectronics PM0237 Datasheet HTML 37Page - STMicroelectronics PM0237 Datasheet HTML 38Page - STMicroelectronics PM0237 Datasheet HTML 39Page - STMicroelectronics PM0237 Datasheet HTML 40Page - STMicroelectronics PM0237 Datasheet HTML 41Page - STMicroelectronics PM0237 Datasheet HTML 42Page - STMicroelectronics PM0237 Datasheet HTML 43Page - STMicroelectronics PM0237 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 88 page
background image
BlueNRG, BlueNRG-MS stacks architecture and ACI
PM0237
40/88
DocID027104 Rev 2
2.4
How to port the ACI SPI interface framework to a selected
microcontroller
BlueNRG, BlueNRG-MS devices are network coprocessors providing the Bluetooth low
energy features. In order to get access to its functionality, an external microcontroller can be
used by implementing the ACI SPI interface framework previously described. BlueNRG,
BlueNRG-MS development kits software package provides a reference framework targeting
this ACI SPI interface. This framework can be ported to another external microcontroller by
following these steps:
1.
Define a specific "USER_Platform_Configuration.h" with specific user platform SPI
configuration
2.
On the selected user application preprocessor options, add this define:
USER_DEFINED_PLATFORM=USER_EVAL_PLATFORM
3.
Replace the STM32L1xx libraries on folder
platform\STM32L1XX\Libraries\STM32L1xx_StdPeriph_Driver folder with the specific
microcontroller low level drivers
4.
Replace the CMSIS Cortex-M3 files and the startup file (file startup_stm32l1xx_md.s)
accordingly to the selected microcontroller
5.
Readapt/port accordingly to the selected microcontroller the file system_stm32l1xx.c
handling the system clock configuration for STM32L1xx
6.
Adapt/port the files described in the section in order to refer to the selected external
microcontroller low level drivers.
Readapt/port accordingly to the selected microcontroller the stm32l1xx_it.c (make sure that
HCI_Isr() is called within the SPI irq API handling the external IRQ interrupt on the IRQ line)
.
Once the ACI SPI interface framework has been ported to the selected microcontroller, user
can verify that SPI access from external microcontroller is working by performing the basic
test described in the section “SPI Interface” of the application note AN4494 “Bringing up the
BlueNRG, BlueNRG-MS”
, available on ST BlueNRG and BlueNRG-MS web pages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com