Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 44 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 40Page - STMicroelectronics PM0237 Datasheet HTML 41Page - STMicroelectronics PM0237 Datasheet HTML 42Page - STMicroelectronics PM0237 Datasheet HTML 43Page - STMicroelectronics PM0237 Datasheet HTML 44Page - STMicroelectronics PM0237 Datasheet HTML 45Page - STMicroelectronics PM0237 Datasheet HTML 46Page - STMicroelectronics PM0237 Datasheet HTML 47Page - STMicroelectronics PM0237 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 88 page
background image
Design an application using BlueNRG, BlueNRG-MS ACI APIs
PM0237
44/88
DocID027104 Rev 2
#endif
/* Main Application Loop */
while(1)
{
/*
Process any pending HCI events read */
HCI_Process()
/* User specific application function where user actions and events are
processed (advertising, connections, services and
characteristics
discovery, notification)
*/
User_Process();
}
} /* end main() */
Note:
1. User_Process() is just an application dependent function. On the following sections,
some reference specific actions/events are described based on the most common BLE
functionalities. User developer can adapt/modify/replace them.
2. When performing the GATT_Init() & GAP_Init() APIs, BlueNRG and BlueNRG-MS stacks
always add two standard services: Attribute Profile Service (0x1801) with Service Changed
Characteristic and GAP Service (0x1800) with Device Name and Appearance
characteristics.
3. The last attribute handle reserved for the standard GAP service is 0x000F on BlueNRG
stack and 0x000B on BlueNRG-MS stack.
4. The GAP_Init() role parameter values are as follow:
Further, on BlueNRG-MS stack, two new parameters are available on GAP_Init() API:
enable_Privacy: 0x00 for disabling privacy; 0x01 for enabling privacy;
device_name_char_len: it allows to indicate the length of the device name
characteristic.
For a complete description of this API and related parameters refer to the UM1755
and UM1865 User Manuals, on the Section 4: References.
Table 32. GAP_Init() role parameter values
Device
Role parameter values
Note
BlueNRG
0x01:Peripheral
0x03: Central
Broadcaster, Observer are not
supported on BlueNRG device
BlueNRG-MS
0x01:Peripheral
0x02: Broadcaster
0x04: Central
0x08: Observer
The role parameter can be a
bitwise OR of any of the
supported values (multiple roles
simultaneously support)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com