Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 38 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 34Page - STMicroelectronics PM0237 Datasheet HTML 35Page - STMicroelectronics PM0237 Datasheet HTML 36Page - STMicroelectronics PM0237 Datasheet HTML 37Page - STMicroelectronics PM0237 Datasheet HTML 38Page - STMicroelectronics PM0237 Datasheet HTML 39Page - STMicroelectronics PM0237 Datasheet HTML 40Page - STMicroelectronics PM0237 Datasheet HTML 41Page - STMicroelectronics PM0237 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 88 page
background image
BlueNRG, BlueNRG-MS stacks architecture and ACI
PM0237
38/88
DocID027104 Rev 2
2.3
Other platforms resources files
The SW framework provides other files handling some platform-dependent resources as
I/O communication channel (USB or UART), buttons, LEDs, EEPROM).
These files should be ported/adapted to address another external microcontroller.
2.3.1
Platforms configuration
In order to easily support the BlueNRG, BlueNRG-MS kits platforms, the BlueNRG SW
framework is designed for recognizing such platforms at runtime. User is only requested to
call the SdkEvalIdentification() API at initialization time on main() function.
BlueNRG, BlueNRG-MS kits platforms can be also supported at compile time, by adding,
respectively, only one of the following define on EWARM workspace preprocessor options:
USER_DEFINED_PLATFORM=STEVAL_IDB002V1
(it is valid for both BlueNRG, BlueNRG
development platforms).
USER_DEFINED_PLATFORM=STEVAL_IDB003V1
(it is valid for both BlueNRG, BlueNRG USB
dongles).
Table 30. SW framework platforms drivers
File
Description
Location
Notes
SDK_EVAL_Io.[ch]
Main APIs
handling I/O
communicatio
n (USB virtual
COM or
UART)
platform\STM32L1XX\Libraries\SDK_Eval_STM
32L
These APIs are
mapped to the
specific
microcontroller
drivers handling
USB virtual COM or
UART.
SDK_EVAL_Buttons.[ch]
APIs handling
platform
buttons
platform\STM32L1XX\Libraries\SDK_Eval_STM
32L
These APIs are
mapped to the
specific
microcontroller
drivers handling
GPIOs
SDK_EVAL_Leds.[ch]
APIs handling
platform LEDs
platform\STM32L1XX\Libraries\SDK_Eval_STM
32L
These APIs are
mapped to the
specific
microcontroller
drivers handling
GPIOs.
SDK_EVAL_Eeprom.[ch]
APIs handling
EEPROM
platform\STM32L1XX\Libraries\SDK_Eval_STM
32L
On BlueNRG,
BlueNRG-MS kits,
an external
EEPROM is
provided for storing
platform
manufacturing tests
results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com