Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 16 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 12Page - STMicroelectronics PM0237 Datasheet HTML 13Page - STMicroelectronics PM0237 Datasheet HTML 14Page - STMicroelectronics PM0237 Datasheet HTML 15Page - STMicroelectronics PM0237 Datasheet HTML 16Page - STMicroelectronics PM0237 Datasheet HTML 17Page - STMicroelectronics PM0237 Datasheet HTML 18Page - STMicroelectronics PM0237 Datasheet HTML 19Page - STMicroelectronics PM0237 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 88 page
background image
Bluetooth low energy technology
PM0237
16/88
DocID027104 Rev 2
A white list is a list of stored device addresses used by the device controller for filtering
devices. The white list content cannot be modified while it is being used. If the device is in
advertising state and is using a white list to filter the devices (scan requests or connection
requests), it has to disable advertising mode for changing its white list.
1.3.3
Scanning state
There are two types of scanning:
•
Passive scanning: it allows to receive advertisement data from an advertiser device
•
Active scanning: when an advertisement packet is received, device can send back a
Scan Request packet, in order to get a Scan Response from the advertiser. This allows
the scanner device to get additional information from the advertiser device.
The following scan parameters can be set:
•
Scanning type (passive or active)
•
Scan interval: how often the controller should scan
•
Scan window: for each scanning interval, it defines how long the device scans
•
Scan filter policy: it can accept all the advertising packets (default policy) or only the
ones on the white list.
Once the scan parameters are set, it is possible to enable the device scanning. The
controller of the scanner devices sends to upper layers any received advertising packets
within an Advertising Report event. This event includes the advertiser address, advertiser
data, and the received signal strength indication (RSSI) of this advertising packet. The RSSI
can be used with the transmit power level information included within the advertising
packets to determine the path-loss of the signal and identify how far the device is:
Path loss = Tx power – RSSI .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com