Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 42 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 38Page - STMicroelectronics PM0237 Datasheet HTML 39Page - STMicroelectronics PM0237 Datasheet HTML 40Page - STMicroelectronics PM0237 Datasheet HTML 41Page - STMicroelectronics PM0237 Datasheet HTML 42Page - STMicroelectronics PM0237 Datasheet HTML 43Page - STMicroelectronics PM0237 Datasheet HTML 44Page - STMicroelectronics PM0237 Datasheet HTML 45Page - STMicroelectronics PM0237 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 88 page
background image
Design an application using BlueNRG, BlueNRG-MS ACI APIs
PM0237
42/88
DocID027104 Rev 2
3.1
Initialization phase and main application loop
The following main steps are required for properly configure the selected external
microcontroller and the SPI communication with a BlueNRG or BlueNRG-MS device.
1.
Configure selected BlueNRG platform
2.
Configure clock, GPIOs and setup low power mode
3.
Initialize the serial communication channel used for I/O communication (debug and
utility information)
4.
Initialize list heads of ready and free hci data packet queues
5.
Init SPI interface for allowing external microcontroller to get access to the BlueNRG
features properly
6.
Reset the BlueNRG, BlueNRG-MS network coprocessor
7.
Configure BlueNRG, BlueNRG-MS public address (if public address is used)
8.
Init BLE NRG GATT layer
9.
Init BLE NRG GAP layer depending on the selected device role
10. Set the proper security I/O capability and authentication requirement (if BLE NRG
security is used)
11. Define the required Services & Characteristics if the device is a GATT server
12. Add a while(1) loop calling the HCI_Process() API and a specific user application
function where user actions/events are processed (advertising, connections, services
and characteristics discovery, notification and related events ).
The following pseudocode example illustrates the required initialization steps:
int main(void)
{
int ret;
/* Setup the STM32L1xx NVIC vector table base address */
NVIC_SetVectorTable(NVIC_VectTab_FLASH, VECTOR_TABLE_BASE_ADDRESS);
/* Configure selected BlueNRG platform */
SdkEvalIdentification();
/* Configure clock */
RCC_Configuration();
/* Init I/O ports */
Init_GPIOs ();
PWR_PVDCmd(DISABLE);
/* Disable FLASH during Sleep
*/
FLASH_SLEEPPowerDownCmd(ENABLE);
/* Enable Ultra low power mode */
PWR_UltraLowPowerCmd(ENABLE);
PWR_FastWakeUpCmd(DISABLE);
NVIC_PriorityGroupConfig(NVIC_PriorityGroup_1);
/* Init timer used for SPI timeouts */
Clock_Init();
/* Configure I/O communication channel:
It requires the void IO_Receive_Data(uint8_t * rx_data, uint16_t
data_size)function where user received data should be processed */



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com