Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 28 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 24Page - STMicroelectronics PM0237 Datasheet HTML 25Page - STMicroelectronics PM0237 Datasheet HTML 26Page - STMicroelectronics PM0237 Datasheet HTML 27Page - STMicroelectronics PM0237 Datasheet HTML 28Page - STMicroelectronics PM0237 Datasheet HTML 29Page - STMicroelectronics PM0237 Datasheet HTML 30Page - STMicroelectronics PM0237 Datasheet HTML 31Page - STMicroelectronics PM0237 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 88 page
background image
Bluetooth low energy technology
PM0237
28/88
DocID027104 Rev 2
The following GAP procedures are defined in Table 24:
Table 22. GAP connectable modes
Mode
Description
Notes
GAP role
Non-connectable
mode
It can only use
ADV_NONCONN_IND or
ADV_SCAN_IND
advertising packets
It cannot use a connectable
advertising packet when it
advertise
Peripheral
Direct connectable
mode
It uses ADV_DIRECT
advertising packet
It is used from a Peripheral
device that wants to connect
quickly to a Central device. It
can be used only for 1.28
seconds, and it requires both
peripheral and central devices
addresses
Peripheral
Undirected
connectable mode
It uses the ADV_IND
advertising packet.
It is used from a device that
wants to be connectable.
Since ADV_IND advertising
packet can include the Flags
AD type, a device can be in
discoverable and undirected
connectable mode at the
same time.
Connectable mode is
terminated when the device
moves to connection mode or
when it moves to non-
connectable mode.
Peripheral
Table 23. GAP bondable modes
Mode
Description
Notes
GAP role
Non-bondable
mode
It does not allow a bond to
be created with a peer
device
No keys are stored from the
device
Peripheral
Bondable mode
Device accepts bonding
request from a Central
device.
Peripheral
Table 24. GAP observer procedure
Procedure
Description
Notes
Role
Observation
procedure
It allows a device to look for
broadcaster devices data
Observer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com