Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 14 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 10Page - STMicroelectronics PM0237 Datasheet HTML 11Page - STMicroelectronics PM0237 Datasheet HTML 12Page - STMicroelectronics PM0237 Datasheet HTML 13Page - STMicroelectronics PM0237 Datasheet HTML 14Page - STMicroelectronics PM0237 Datasheet HTML 15Page - STMicroelectronics PM0237 Datasheet HTML 16Page - STMicroelectronics PM0237 Datasheet HTML 17Page - STMicroelectronics PM0237 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 88 page
background image
Bluetooth low energy technology
PM0237
14/88
DocID027104 Rev 2
The advertising event type determines the allowable responses:
Data packet header:
The next sequence number (NESN) bit is used for performing packet acknowledgments. It
informs the receiver device of the next sequence number that the transmitting device is
expecting it to send. Packet is retransmitted until the NESN is different from the sequence
number (SN) value in the sent packet.
More data bit is used to signal to a device that the transmitting device has more data ready
to be sent during the current connection event.
For a detailed description of advertising and data header contents & types refer to the
Bluetooth specification v4.0 [Vol 2], on Section 4: References.
Length: number of bytes on data field
Data or payload: it is the actual transmitted data (advertising data, scan response data,
connection establishment data, or application data sent during the connection).
CRC (24 bits): it is used to protect data against bit errors. It is calculated over the
header, length and data fields.
Table 4. Advertising event type and allowable responses
Advertising event type
Allowable response
SCAN_REQ
CONNECT_REQ
ADV_IND
YES
YES
ADV_DIRECT_IND
NO
YES
ADV_NONCONN_IND
NO
NO
ADV_SCAN_IND
YES
NO
Table 5. Data packet header content
Link layer
identifier
Next sequence
number
Sequence
number
More data
Reserved
(2 bits)
(1 bit)
(1 bit)
(1 bit)
(3 bits)
Table 6. Packet length field and valid values
Length field bits
Advertising packet
6 bits, with valid values from 0 to 37 bytes
Data packet
5 bits, with valid values from 0 to 31 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com