Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 57 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 53Page - STMicroelectronics PM0237 Datasheet HTML 54Page - STMicroelectronics PM0237 Datasheet HTML 55Page - STMicroelectronics PM0237 Datasheet HTML 56Page - STMicroelectronics PM0237 Datasheet HTML 57Page - STMicroelectronics PM0237 Datasheet HTML 58Page - STMicroelectronics PM0237 Datasheet HTML 59Page - STMicroelectronics PM0237 Datasheet HTML 60Page - STMicroelectronics PM0237 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 88 page
background image
DocID027104 Rev 2
57/88
PM0237
Design an application using BlueNRG, BlueNRG-MS ACI APIs
88
Adv_Filter_Policy: NO_WHITE_LIST_USE (no whit list is used);
Local_Name_Length: 13
Local_Name: BlueNRG_Test;
Service_Uuid_Length: 0 (no service to be advertised);
Service_Uuid_List: NULL;
Slave_Conn_Interval_Min: 0 (Slave connection internal minimum value);
Slave_Conn_Interval_Max: 0 (Slave connection internal maximum
value).
*/
ret = aci_gap_set_discoverable(ADV_IND, 0, 0, PUBLIC_ADDR,
NO_WHITE_LIST_USE,
sizeof(local_name),
local_name,
0, NULL, 0, 0);
if (ret != BLE_STATUS_SUCCESS) PRINTF("Failure.\n")}
} /* end GAP_Peripheral_Make_Discoverable() */
/* GAP Central: direct connection establishment procedure to connect to the
GAP Peripheral in discoverable mode */
void GAP_Central_Make_Connection(void )
{
tBleStatus ret;
tBDAddr GAP_Peripheral_address = {0xaa, 0x00, 0x00, 0xE1, 0x80,
0x02};
/* Start the direct connection establishment procedure to the GAP
peripheral device in general discoverable mode using the following
connection parameters:
Scan_Interval: 0x4000;
Scan_Window: 0x4000;
Peer_Address_Type: PUBLIC_ADDR (GAP peripheral address type: public
address);
Peer_Address: {0xaa, 0x00, 0x00, 0xE1, 0x80, 0x02};
Own_Address_Type: PUBLIC_ADDR (device address type);
Conn_Interval_Min: 40 (Minimum value for the connection event
interval);
Conn_Interval_Max: 40 (Maximum value for the connection event
interval);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com