Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 73 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 69Page - STMicroelectronics PM0237 Datasheet HTML 70Page - STMicroelectronics PM0237 Datasheet HTML 71Page - STMicroelectronics PM0237 Datasheet HTML 72Page - STMicroelectronics PM0237 Datasheet HTML 73Page - STMicroelectronics PM0237 Datasheet HTML 74Page - STMicroelectronics PM0237 Datasheet HTML 75Page - STMicroelectronics PM0237 Datasheet HTML 76Page - STMicroelectronics PM0237 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 88 page
background image
DocID027104 Rev 2
73/88
PM0237
Design an application using BlueNRG, BlueNRG-MS ACI APIs
88
3.6.2
Characteristics discovery procedures and related GATT events
Following is a list of the characteristic discovery APIs with associated description.
In the context of the BlueNRG sensor profile demo, follow a simple pseudocode illustrating
how a GAP Central application can discover all the characteristics of the Acceleration
service (refer to Section Table 45.: Second evt_att_read_by_group_resp event data):
uint16_t service_handle;
uint16_t end_group_handle;
#ifdef BLUENRG_MS
service_handle = 0x000C;
end_group_handle = 0x0012;
#else /*
service_handle_value
= 0x0010;
charac_handle_value = 0x0016;
#endif
/* BlueNRG GAP Central starts a discovery all the characteristics of a
service procedure: conn_handle is the connection handle returned on
HCI_Event_CB() event callback, EVT_LE_CONN_COMPLETE event */
if (aci_gatt_disc_all_charac_of_serv(conn_handle,
service_handle,/*
Service handle */
end_group_handle/*
End group handle */
);) != BLE_STATUS_SUCCESS)
{
if (ret != BLE_STATUS_SUCCESS) PRINTF("Failure.\n")}
}
The responses of the procedure are given through the EVT_BLUE_ATT_READ_BY_TYPE_RESP
event raised on HCI_Event_CB() callback (EVT_VENDOR as main event) . The end of the
procedure is indicated by EVT_BLUE_GATT_PROCEDURE_COMPLETE event on the
HCI_Event_CB()
callback (EVT_VENDOR as main event):
void HCI_Event_CB(void *pckt)
Table 47. BlueNRG ACI: characteristics discovery procedures APIs
Discovery service API
Description
aci_gatt_disc_all_charac_of_serv()
This API starts the GATT procedure to discover
all the characteristics of a given service.
aci_gatt_discovery_characteristic_by_uuid()
This API starts the GATT the procedure to
discover all the characteristics specified by a
UUID.
aci_gatt_disc_all_charac_descriptors()
This API starts the procedure to discover all
characteristic descriptors on the GATT server.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com