Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 60 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 56Page - STMicroelectronics PM0237 Datasheet HTML 57Page - STMicroelectronics PM0237 Datasheet HTML 58Page - STMicroelectronics PM0237 Datasheet HTML 59Page - STMicroelectronics PM0237 Datasheet HTML 60Page - STMicroelectronics PM0237 Datasheet HTML 61Page - STMicroelectronics PM0237 Datasheet HTML 62Page - STMicroelectronics PM0237 Datasheet HTML 63Page - STMicroelectronics PM0237 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 88 page
background image
Design an application using BlueNRG, BlueNRG-MS ACI APIs
PM0237
60/88
DocID027104 Rev 2
/* Start the general discovery procedure (active scan) using the
following
parameters:
Scan_Interval: 0x4000;
Scan_Window: 0x4000;
Own_address_type: 0x00 (public device address);
filterDuplicates: 0x00 (duplicate filtering disabled);
ret = aci_gap_start_general_discovery_proc(0x4000, 0x4000,0x00,0x00);
if (ret != BLE_STATUS_SUCCESS) PRINTF("Failure.\n")}
}
The responses of the procedure are given through the EVT_BLUE_GAP_DEVICE_FOUND
(BlueNRG) and EVT_LE_ADVERTISING_REPORT (BlueNRG-MS) events raised on
HCI_Event_CB()
callback (EVT_VENDOR as main event) . The end of the procedure is
indicated by EVT_BLUE_GAP_PROCEDURE_COMPLETE event on the HCI_Event_CB() callback
(EVT_VENDOR as main event):
void HCI_Event_CB(void *pckt)
{
hci_uart_pckt *hci_pckt = pckt;
hci_event_pckt *event_pckt = (hci_event_pckt*)hci_pckt->data;
if(hci_pckt->type != HCI_EVENT_PKT return;
switch(event_pckt->evt){
case EVT_VENDOR:
{
/* Get the vendor event data */
evt_blue_aci *blue_evt = (void*)event_pckt->data;
switch(blue_evt->ecode){
case EVT_BLUE_GAP_DEVICE_FOUND:
{
evt_gap_device_found *pr = (void*)blue_evt->data;
/* evt_gap_device_found parameters:
pr->evt_type: event type (advertising packets types);
pr->bdaddr_type: type of the peer address (PUBLIC_ADDR,RANDOM_ADDR);
pr->bdaddr: address of the peer device found during scanning;
pr->length: length of advertising or scan response data;
pr->data_RSSI[]:
length advertising or scan response data + RSSI.
RSSI is last octect (signed integer).
*/
/* Add user code for decoding the evt_gap_device_found event data based on
the specific pr->evt_type
(ADV_IND, SCAN_RSP, ..)*/
………
}/* EVT_BLUE_GAP_DEVICE_FOUND */
break;
case EVT_BLUE_GAP_PROCEDURE_COMPLETE:
{
/* When the general discovery procedure is terminated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com