Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 64 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 60Page - STMicroelectronics PM0237 Datasheet HTML 61Page - STMicroelectronics PM0237 Datasheet HTML 62Page - STMicroelectronics PM0237 Datasheet HTML 63Page - STMicroelectronics PM0237 Datasheet HTML 64Page - STMicroelectronics PM0237 Datasheet HTML 65Page - STMicroelectronics PM0237 Datasheet HTML 66Page - STMicroelectronics PM0237 Datasheet HTML 67Page - STMicroelectronics PM0237 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 88 page
background image
Design an application using BlueNRG, BlueNRG-MS ACI APIs
PM0237
64/88
DocID027104 Rev 2
ret = aci_hal_write_config_data(CONFIG_DATA_IR_OFFSET,
CONFIG_DATA_IR_LEN,(uint8_t *) IR);
To successfully pair with a device, IO capabilities have to be correctly configured, depending
on the IO capabilily available on the selected device.
aci_gap_set_io_capability(io_capability)
should be used with one of the following
io_capability
value:
0x00: Display Only
0x01: Display yes/no
0x02: Keyboard Only
0x03: No Input, no output
0x04: Keyboard display
PassKey Entry example with 2 BlueNRG devices: Device_1, Device_2
The following pseudocode example illustrates only the specific steps to be followed for
pairing two devices by using the PassKey entry method.
As described in Section Table 11.: Methods used for calculating the Temporary Key (TK),
Device_1, Device_2 have to set the IO capability in order to select PassKey entry as a
security method.
On this particular example, "Display Only" on Device_1 and "KeyBoard Only" on Device_2
are selected, as follows:
/* Device_1: */
tBleStatus ret;
ret = aci_gap_set_io_capability(IO_CAP_DISPLAY_ONLY)
if (ret != BLE_STATUS_SUCCESS) PRINTF("Failure.\n")}
/* Device_2 */
tBleStatus ret;
ret = aci_gap_set_io_capability(IO_CAP_KEYBOARD_ONLY)
if (ret != BLE_STATUS_SUCCESS) PRINTF("Failure.\n")}
Once the IO capability are defined, the aci_gap_set_auth_requirement () should be used
for setting all the security authentication requirements the device needs (MITM mode
(authenticated link or not), OOB data present or not, use fixed pin or not, enabling bonding
or not).
The following pseudocode example illustrates only the specific steps to be followed for
setting the authentication requirements for a device with: “MITM protection , No OOB data,
don’t use fixed pin”: this configuration is used to authenticate the link and to use a not fixed
pin during the pairing process with PassKey Method.
ret = aci_gap_set_auth_requirement(MITM_PROTECTION_REQUIRED,
OOB_AUTH_DATA_ABSENT, /* no OOB data is
present */
NULL, /* no OOB data */
7,
/* Min. encryption key size */
16, /* Max encryption key size */
DONOT_USE_FIXED_PIN_FOR_PAIRING,/* no fixed
pin */
0, /* fixed pin not used */



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com