Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 27 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 23Page - STMicroelectronics PM0237 Datasheet HTML 24Page - STMicroelectronics PM0237 Datasheet HTML 25Page - STMicroelectronics PM0237 Datasheet HTML 26Page - STMicroelectronics PM0237 Datasheet HTML 27Page - STMicroelectronics PM0237 Datasheet HTML 28Page - STMicroelectronics PM0237 Datasheet HTML 29Page - STMicroelectronics PM0237 Datasheet HTML 30Page - STMicroelectronics PM0237 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 88 page
background image
DocID027104 Rev 2
27/88
PM0237
Bluetooth low energy technology
88
On GAP context, two fundamental concepts are defined:
•
GAP modes: it configures a device to act in a specific way for a long time. There are
four GAP modes types : broadcast, discoverable, connectable and bondable type.
•
GAP procedures: it configures a device to perform a single action for a specific, limited
time. There are four GAP procedures types: observer, discovery, connection, bonding
procedures.
Different types of discoverable and connectable modes can be uses at the same time. The
following GAP modes are defined:
Table 20. GAP broadcaster mode
Mode
Description
Notes
GAP role
Broadcast mode
Device only broadcasts
data using the link layer
advertising channels and
packets (it does not set any
bit on Flags AD type).
Broadcasts data can be
detected by a device using
the observation procedure
Broadcaster
Table 21. GAP discoverable modes
Mode
Description
Notes
GAP role
Non-discoverable
mode
It cannot set the limited and
general discoverable bits on
Flags AD type.
It cannot be discovered by a
device performing a general
or limited discovery
procedure
Peripheral
Limited
discoverable mode
It sets the limited
discoverable bit on Flags AD
type.
It is allowed for about 30 sec.
It is used by devices with
which user has recently
interacted. For example,
when a user presses a button
on the device.
Peripheral
General
discoverable mode
It sets the general
discoverable bit on Flags AD
type.
It is used when a device
wants to be discoverable.
There is no limit on the
discoverability time.
Peripheral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com