Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 21 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 17Page - STMicroelectronics PM0237 Datasheet HTML 18Page - STMicroelectronics PM0237 Datasheet HTML 19Page - STMicroelectronics PM0237 Datasheet HTML 20Page - STMicroelectronics PM0237 Datasheet HTML 21Page - STMicroelectronics PM0237 Datasheet HTML 22Page - STMicroelectronics PM0237 Datasheet HTML 23Page - STMicroelectronics PM0237 Datasheet HTML 24Page - STMicroelectronics PM0237 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
DocID027104 Rev 2
21/88
PM0237
Bluetooth low energy technology
88
The selection between PassKey and Just Works method is done based on the following
table:
Phase 3: transport specific key distribution
Once the Phase 2 is completed, up to three 128-bit keys can be distributed by
messages encrypted with the STK key:
a)
Long-term key (LTK): it is used to generate the 128-bit key used for Link Layer
encryption and authentication;
b)
Connection signature resolving key (CSRK): it is used for the data signing
performed at the ATT layer;
c)
Identity resolving key (IRK): it is used to generate a private address on the basis of
a device public address.
When the established encryption keys are stored in order to be used for future
authentication, the devices are bonded.
Another security mechanism supported from BLE is the use of private addresses. A private
address is generated by encrypting the public address of the device. This private address
can be resolved by a trusted device that has been provided with the corresponding
encryption key.This allows the device to use a private address for a more secure
communication and to change it frequently (only devices with the related IRK are able to
recognize it).
It is also possible to transmit authenticated data over an unencrypted Link Layer connection
by using the CSRK key: a 12-byte signature is placed after the data payload at the ATT
layer.
The signature algorithm also uses a counter which allows to provide protection against
replay attacks (an external device which can simply capture some packets and send them
later as they are without any understanding of packet content: the receiver device simply
checks the packet counter and discards it since its frame counter is less than the latest
received good packet).
Table 11. Methods used for calculating the Temporary Key (TK)
Display only
Display
Yes/No
Keyboard
only
No Input No
Output
Keyboard
display
Display
Only
Just Works
Just Works
Passkey Entry
Just Works
Passkey Entry
Display
Yes/No
Just Works
Just Works
Passkey Entry
Just Works
Passkey Entry
Keyboard
Only
Passkey Entry
Passkey Entry Passkey Entry
Just Works
Passkey Entry
No Input No
Output
Just Works
Just Works
Just Works
Just Works
Just Works
Keyboard
Display
Passkey Entry
Passkey Entry Passkey Entry
Just Works
Passkey Entry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com