Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 62 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 58Page - STMicroelectronics PM0237 Datasheet HTML 59Page - STMicroelectronics PM0237 Datasheet HTML 60Page - STMicroelectronics PM0237 Datasheet HTML 61Page - STMicroelectronics PM0237 Datasheet HTML 62Page - STMicroelectronics PM0237 Datasheet HTML 63Page - STMicroelectronics PM0237 Datasheet HTML 64Page - STMicroelectronics PM0237 Datasheet HTML 65Page - STMicroelectronics PM0237 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 88 page
background image
Design an application using BlueNRG, BlueNRG-MS ACI APIs
PM0237
62/88
DocID027104 Rev 2
1.
EVT_BLUE_GAP_DEVICE_FOUND(
BlueNRG)/EVT_LE_ADVERTISING_REPORT(BlueNRG-
MS)
with advertising packet type (evt_type = ADV_IND )
2.
EVT_BLUE_GAP_DEVICE_FOUND(
BlueNRG device)/EVT_LE_ADVERTISING_REPORT
(BlueNRG-MS)
with scan response packet type (evt_type = SCAN_RSP)
The advertising data can be interpreted as follows (refer to Bluetooth specification version
4.0 [Vol 3] and 4.1 [Vol 2] on Section 4: References):
The scan response data can interpreted as follows (refer to Bluetooth specification version
4.0 [Vol 3] and 4.1 [Vol 2]):
Table 37. ADV_IND event
Event type Address type
Address
Advertising data
RSSI
0x00
(ADV_IND)
0x00 (public
address)
0x0280E1003
412
0x02,0x01,0x06,0x08,0x08,0x42,0x6
C,0x75,0x65,0x4E,0x52,0x47,0x02,0x
0A,0x08
0xDA
Table 38. ADV_IND advertising data
Flags AD type field
Local name field
Tx power level
0x02: length of the field
0x01: AD type Flags
0x06: 0x110 (Bit 2: BR/EDR
Not Supported; Bit 1: general
discoverable mode)
0x08: length of the field
0x08: Shortened local name
type
0x42,0x6C,0x75,0x65,0x4E0x
52,0x47: BlueNRG
0x02: Length of the field
0x0A: Tx Power type
0x08: power value
Table 39. SCAN_RSP event
Event type Address type
Address
Scan response data
RSSI
0x04
(SCAN_RS
P)
0x00 (public
address)
0x0280E1003
412
0x12,0x66,0x9A,0x0C,0x20,0x00,0x0
8,0xA7,0xBA,0xE3,0x11,0x06,0x85,0
xC0,0xF7,0x97,0x8A,0x06,0x11
0xDA
Table 40. Scan response data
Scan response data
0x12: data length
0x11: length of service UUID advertising data;
0x06: 128 bits service UUID type;
0x66,0x9A,0x0C,0x20,0x00,0x08,0xA7,0xBA,0xE3,0x11,0x06,0x85,0xC0,0xF7,0x97,0x8A:
128 bits service UUID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com