Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 18 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 14Page - STMicroelectronics PM0237 Datasheet HTML 15Page - STMicroelectronics PM0237 Datasheet HTML 16Page - STMicroelectronics PM0237 Datasheet HTML 17Page - STMicroelectronics PM0237 Datasheet HTML 18Page - STMicroelectronics PM0237 Datasheet HTML 19Page - STMicroelectronics PM0237 Datasheet HTML 20Page - STMicroelectronics PM0237 Datasheet HTML 21Page - STMicroelectronics PM0237 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 88 page
background image
Bluetooth low energy technology
PM0237
18/88
DocID027104 Rev 2
A connection event is the time between the start of the last connection event and the
beginning of the next connection event.
A BLE slave device can only be connected to one BLE master device, but a BLE master
device can be connected to several BLE slave devices. On the Bluetooth SIG, there is no
limit on the number of slaves a master can connect to (this is limited by the specific used
BLE technology or stack).
1.4
Host controller interface (HCI)
The Host Controller Interface (HCI) layer provides a mean of communication between the
host and controller either through software API or by a hardware interface such as SPI,
UART or USB. It comes from standard Bluetooth specification, with new additional
commands for low energy-specific functions.
1.5
Logical link control and adaptation layer protocol (L2CAP)
The Logical Link Control and Adaptation Layer Protocol (L2CAP), supports higher level
protocol multiplexing, packet segmentation and reassembly operation, and the conveying of
quality of service information.
1.6
Attribute Protocol (ATT)
The Attribute Protocol (ATT) allows a device to expose certain pieces of data, known as
attributes, to another device. The device exposing attributes is referred to as the Server and
the peer device using them is called the Client.
An attribute is a data with the following components;
•
Attribute handle: it is a 16 bits value which identifies an attribute on a Server, allowing
the Client to reference the attribute in read or write requests;
•
Attribute type: it is defined by a Universally Unique Identifier (UUID) which determines
what the value means. Standard 16 bits attribute UUIDs are defined by Bluetooth SIG;
•
Attribute value: a (0 ~ 512) octets in length;
•
Attribute permissions: they are defined by each higher layer that uses the attribute.
They specify the security level required for read and/or write access, as well as
notification and/or indication. The permissions are not discoverable using the attribute
protocol. There are different permissions types:
–
Access permissions: they determine which types of requests can be performed on
an attribute (readable, writable, readable and writable)
–
Authentication permissions: they determine if attributes require authentication or
not. If an authentication error is raised, client can try to authenticate it by using the
Security Manager and send back the request.
–
Authorization permissions (no authorization, authorization): this is a property of a
server which can authorize a client to access or not to a set of attributes (client
cannot resolve an authorization error).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com