Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 61 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 57Page - STMicroelectronics PM0237 Datasheet HTML 58Page - STMicroelectronics PM0237 Datasheet HTML 59Page - STMicroelectronics PM0237 Datasheet HTML 60Page - STMicroelectronics PM0237 Datasheet HTML 61Page - STMicroelectronics PM0237 Datasheet HTML 62Page - STMicroelectronics PM0237 Datasheet HTML 63Page - STMicroelectronics PM0237 Datasheet HTML 64Page - STMicroelectronics PM0237 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 88 page
background image
DocID027104 Rev 2
61/88
PM0237
Design an application using BlueNRG, BlueNRG-MS ACI APIs
88
EVT_BLUE_GAP_PROCEDURE_COMPLETE event is returned with the procedure
code set to GAP_GENERAL_DISCOVERY_PROC (0x02).
*/
evt_gap_procedure_complete *pr = (void*)blue_evt->data;
/* evt_gap_procedure_complete parameters:
pr->procedure_code: terminated procedure code;
pr->status: BLE_STATUS_SUCCESS, BLE_STATUS_FAILED or ERR_AUTH_FAILURE;
pr->data[VARIABLE_SIZE]: procedure specific data, if applicable
*/
/* If needed, add user code for handling
the event data */
.....
}/* EVT_BLUE_GAP_PROCEDURE_COMPLETE */
break;
}/* switch(blue_evt->ecode) */
}/* EVT_VENDOR */
break;
case EVT_LE_META_EVENT:
{
evt_le_meta_event *evt = (void *)event_pckt->data;
switch(evt->subevent)
{
case EVT_LE_ADVERTISING_REPORT: /* BlueNRG-MS stack */
{
le_advertising_info *pr = (void *)(evt->data+1); /* evt->data[0] is
number of reports (On BlueNRG-MS is always 1) */
/* le_advertising_info parameters:
pr->evt_type: event type (advertising packets types);
pr->bdaddr_type: type of the peer address (PUBLIC_ADDR,RANDOM_ADDR);
pr->bdaddr: address of the peer device found during scanning;
pr->length: length of advertising or scan response data;
pr->data_RSSI[]: length advertising or scan response data + RSSI.
RSSI is last octect (signed integer).
*/
/* Add user code for decoding the le_advertising_info event data based
on the specific pr->evt_type (ADV_IND, SCAN_RSP, ..)*/
...
}/* EVT_LE_ADVERTISING_REPORT */
break;
}/* end switch() */
}/* EVT_LE_META_EVENT */
break;
}/* switch(event_pckt->evt)*/
}/* end HCI_Event_CB() */
In particular, in this specific context, the following events are raised on the GAP Central
HCI_Event_CB(),
as a consequence of the GAP peripheral device in discoverable mode
with scan response enabled:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com