Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 46 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 42Page - STMicroelectronics PM0237 Datasheet HTML 43Page - STMicroelectronics PM0237 Datasheet HTML 44Page - STMicroelectronics PM0237 Datasheet HTML 45Page - STMicroelectronics PM0237 Datasheet HTML 46Page - STMicroelectronics PM0237 Datasheet HTML 47Page - STMicroelectronics PM0237 Datasheet HTML 48Page - STMicroelectronics PM0237 Datasheet HTML 49Page - STMicroelectronics PM0237 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 88 page
background image
Design an application using BlueNRG, BlueNRG-MS ACI APIs
PM0237
46/88
DocID027104 Rev 2
Figure 9. MAC address storage
Alternatively, the MAC address can be stored in a free area of the BlueNRG and BlueNRG-
MS devices Information register (IFR) region, but this does not offer any advantage, since:
•
Programming of the MAC in the IFR requires several SPI transaction as follows:
–
Make the device entering Updater mode (1 SPI transaction)
–
Program the device IFR with MAC address (1 SPI transaction)
–
Make the device leaving Updater mode (1 SPI transaction)
•
Access to the MAC address during device initialization (at each power-up or reset)
requires several SPI transaction as follows:
–
Make the device entering Updater mode (1 SPI transaction)
–
Read MAC address from the device IFR (1 SPI transaction)
–
Make the device leaving Updater mode (1 SPI transaction)
BLE standard can also use "random" addresses which are defined by users, and they do not
follow the public addresses rules. The random addresses are handled autonomously by the
device, are set at each reset but they can also be overwritten by the external processor
using the hci_le_set_random_address()API.
Private addresses are used when privacy is enabled and according to the Bluetooth low
energy specification. For more information about private addresses, refer to Section 1.7:
Security Manager (SM).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com