Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 65 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 61Page - STMicroelectronics PM0237 Datasheet HTML 62Page - STMicroelectronics PM0237 Datasheet HTML 63Page - STMicroelectronics PM0237 Datasheet HTML 64Page - STMicroelectronics PM0237 Datasheet HTML 65Page - STMicroelectronics PM0237 Datasheet HTML 66Page - STMicroelectronics PM0237 Datasheet HTML 67Page - STMicroelectronics PM0237 Datasheet HTML 68Page - STMicroelectronics PM0237 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 88 page
background image
DocID027104 Rev 2
65/88
PM0237
Design an application using BlueNRG, BlueNRG-MS ACI APIs
88
BONDING /* bonding is enabled */);
if (ret != BLE_STATUS_SUCCESS) PRINTF("Failure.\n")}
Once the security IO capability and authentication requirements are defined, an application
can initiate a pairing procedure as follow:
1.
by using aci_gap_slave_security_request() on a GAP Peripheral (slave) device
(it sends a slave security request to the master):
tBleStatus ret;
ret = aci_gap_slave_security_request(conn_handle,
BONDING,
MITM_PROTECTION_REQUIRED
);
if (ret != BLE_STATUS_SUCCESS) PRINTF("Failure.\n")}
or
2.
by using the aci_gap_send_pairing_request() on a GAP Central (master ) device.
Since the DONOT_USE_FIXED_PIN_FOR_PAIRING (no fixed pin) has been set, once the
paring procedure is initiated by one of the 2 devices, BlueNRG, BlueNRG-MS will generate
the EVT_BLUE_GAP_PASS_KEY_REQUEST event (with related connection handle) for asking to
the host application to provide the password to be used for establishing the encryption key.
BlueNRG, BlueNRG-MS application has to provide the correct password by using the
aci_gap_pass_key_response(conn_handle,passkey)API.
The following pseudocode example illustrates only the specific steps to be followed for
providing the pass key (for example a random pin) to be used for the pairing process, when
the EVT_BLUE_GAP_PASS_KEY_REQUEST event is generated on Device_1 (“Display Only”
capability) :
tBleStatus ret;
/* Generate a random pin with an user specific function */
pin = generate_random_pin();
ret = aci_gap_slave_security_request(conn_handle,
BONDING,
MITM_PROTECTION_REQUIRED
);
if (ret != BLE_STATUS_SUCCESS) PRINTF("Failure.\n")}
Since the Device_1, I/O capability is set as “Display Only”, it should display the generated
pin in the device display. Since Device_2 , I/O capability is set as “Keyboard Only”, the user
can provide the pin displayed on Device_1 to the Device_2 though the same
aci_gap_pass_key_response() API, by a keyboard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com