Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 74 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 70Page - STMicroelectronics PM0237 Datasheet HTML 71Page - STMicroelectronics PM0237 Datasheet HTML 72Page - STMicroelectronics PM0237 Datasheet HTML 73Page - STMicroelectronics PM0237 Datasheet HTML 74Page - STMicroelectronics PM0237 Datasheet HTML 75Page - STMicroelectronics PM0237 Datasheet HTML 76Page - STMicroelectronics PM0237 Datasheet HTML 77Page - STMicroelectronics PM0237 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 88 page
background image
Design an application using BlueNRG, BlueNRG-MS ACI APIs
PM0237
74/88
DocID027104 Rev 2
{
hci_uart_pckt *hci_pckt = pckt;
hci_event_pckt *event_pckt = (hci_event_pckt*)hci_pckt->data;
if(hci_pckt->type != HCI_EVENT_PKT return;
switch(event_pckt->evt){
case EVT_VENDOR:
{
/* Get the vendor event data */
evt_blue_aci *blue_evt = (void*)event_pckt->data;
switch(blue_evt->ecode){
case EVT_BLUE_ATT_READ_BY_TYPE_RESP:
{
evt_att_read_by_type_resp *pr = (void*)blue_evt->data;
/* evt_att_read_by_type_resp parameters:
pr->conn_handle: connection handle;
pr->event_data_length: total length of the event data;
pr->handle_value_pair_length: length of each specific data
within the handle_value_pair[];
pr->handle_value_pair[]: event data.
*/
/* Add user code for decoding the pr->handle_value_pair[] and get
the characteristic handle, properties, characteristic value handle,
characteristic UUID */
………
}/* EVT_BLUE_ATT_READ_BY_TYPE_RESP */
break;
case EVT_BLUE_GATT_PROCEDURE_COMPLETE:
{
evt_gatt_procedure_complete *pr = (void*)blue_evt->data;
/* evt_gatt_procedure_complete parameters:
pr->conn_handle: connection handle;
pr->data_length: length of the event data;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com