Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 75 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 71Page - STMicroelectronics PM0237 Datasheet HTML 72Page - STMicroelectronics PM0237 Datasheet HTML 73Page - STMicroelectronics PM0237 Datasheet HTML 74Page - STMicroelectronics PM0237 Datasheet HTML 75Page - STMicroelectronics PM0237 Datasheet HTML 76Page - STMicroelectronics PM0237 Datasheet HTML 77Page - STMicroelectronics PM0237 Datasheet HTML 78Page - STMicroelectronics PM0237 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 88 page
background image
DocID027104 Rev 2
75/88
PM0237
Design an application using BlueNRG, BlueNRG-MS ACI APIs
88
pr->data[]: event data.
*/
/* If needed, add user code for using the event data */
………
}/* EVT_BLUE_GATT_PROCEDURE_COMPLETE */
break;
}/* switch(blue_evt->ecode) */
}/* EVT_VENDOR */
break;
}/* switch(evt->subevent)*/
}/* end HCI_Event_CB() */
In the context of the BlueNRG Senor Profile Demo, the GAP Central application should get
two EVT_BLUE_ATT_READ_BY_TYPE_RESP events with following
evt_att_read_by_type_resp
data:
First evt_att_read_by_type_resp event data
pr->conn_handle : 0x0801 (connection handle);
pr->event_data_length: 0x16 (length of the event data);
pr->handle_value_pair_length: 0x15 length of each discovered
characteristic data: characteristic handle, properties,
characteristic value handle, characteristic UUID;
pr->handle_value_pair: 0x15 bytes as follows:
Second evt_att_read_by_type_resp event data
pr->conn_handle : 0x0801 (connection handle);
pr->event_data_length: 0x16 (length of the event data);
Table 48. First evt_att_read_by_type_resp event data
Characteristic
handle
Characteristic
properties
Characteristic
value handle
Characteristic UUID
Note
0x0011
(BlueNRG),
0x000D
(BlueNRG-MS)
0x10 (notify)
0x0012
(BlueNRG),
0x000E
(BlueNRG-MS)
0xE23E78A0CF4A11E18FFC0002A5D5
C51B
Free Fall
characteristic
128 bits
characteristic
proprietary
UUID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com