Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 36 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 32Page - STMicroelectronics PM0237 Datasheet HTML 33Page - STMicroelectronics PM0237 Datasheet HTML 34Page - STMicroelectronics PM0237 Datasheet HTML 35Page - STMicroelectronics PM0237 Datasheet HTML 36Page - STMicroelectronics PM0237 Datasheet HTML 37Page - STMicroelectronics PM0237 Datasheet HTML 38Page - STMicroelectronics PM0237 Datasheet HTML 39Page - STMicroelectronics PM0237 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 88 page
background image
BlueNRG, BlueNRG-MS stacks architecture and ACI
PM0237
36/88
DocID027104 Rev 2
2.2
ACI Interface resources
In order to communicate with BlueNRG or BlueNRG-MS network processor through the ACI
interface framework, the external microcontroller requires only the following main resources:
1.
SPI interface
2.
Platform-dependent code to write/read to/from SPI
3.
A timer to handle SPI timeouts
The BlueNRG, BlueNRG-MS SPI interface is handled through the functions defined on files
SDK_EVAL_SPI_Driver.[ch] and hal.[ch]. These APIs allows the external microcontroller to
get access to BlueNRG or BlueNRG-MS device. The BlueNRG, BlueNRG-MS devices use
the SPI IRQ pin to notify the external microcontroller (SPI master) when it has data to be
read: this is handled through the HCI_Isr() placed within the SPI_IRQ_IRQHandler()
handler on stm32l1xx_it.c. The SPI_IRQ_IRQHandler() is associated to the proper EXTI irq
handler, based on the selected platform GPIO line for the BlueNRG, BlueNRG-MS SPI
interrupt line.
The BlueNRG, BlueNRG-MS kits platforms are targeting the STM32L1xx microcontroller
and the related libraries are used in order to get access to the device peripheral. The
STM32L1xx microcontroller libraries are provided within the
platform\STM32L1XX\Libraries\STM32L1xx_StdPeriph_Driver folder.
The files stm32l1xx_spi.[ch] are used for handling the low level platform-dependent code to
write/read to/from SPI.
bluenrg_l2cap
_aci.h
Header file with L2CAP commands for
BlueNRG FW stack
“”
It is included by
bluenrg_aci.h
bluenrg_gatt_a
ci.h
Header file with GATT commands for
BlueNRG FW stack
“”
It is included by
bluenrg_aci.h
bluenrg_gap_a
ci.h
Header file with GAP commands for
BlueNRG FW stack
“”
It is included by
bluenrg_aci.h
bluenrg_updat
er_aci.h
Header file with updater commands for
BlueNRG FW stack
“”
It is included by
bluenrg_aci.h
Table 28. ACI Interface (continued)
File
Description
Location
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com