Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 22 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 18Page - STMicroelectronics PM0237 Datasheet HTML 19Page - STMicroelectronics PM0237 Datasheet HTML 20Page - STMicroelectronics PM0237 Datasheet HTML 21Page - STMicroelectronics PM0237 Datasheet HTML 22Page - STMicroelectronics PM0237 Datasheet HTML 23Page - STMicroelectronics PM0237 Datasheet HTML 24Page - STMicroelectronics PM0237 Datasheet HTML 25Page - STMicroelectronics PM0237 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 88 page
background image
Bluetooth low energy technology
PM0237
22/88
DocID027104 Rev 2
1.8
Generic attribute profile (GATT)
The Generic Attribute Profile (GATT) defines a framework for using the ATT protocol, and it
is used for services, characteristics, descriptors discovery, characteristics reading, writing,
indication and notification.
On GATT context, when two devices are connected, there are two devices roles:
GATT client: it is the device which accesses data on the remote GATT server via read,
write, notify, or indicate operations.
GATT server: it is the device which stores data locally and provides data access
methods to a remote GATT client.
It is possible for a device to be a GATT server and a GATT client at the same time.
The GATT role of a device is logically separated from the master, slave role. The master,
slave roles define how the BLE radio connection is managed, and the GATT client/server
roles are determined by the data storage and flow of data.
As consequence, it is not required that a slave (peripheral) device has to be the GATT
server and that a master (central) device has to be the GATT client.
Attributes, as transported by the ATT, are encapsulated within the following fundamental
types:
1.
Characteristics (with related descriptors)
2.
Services (primary, secondary and include)
1.8.1
Characteristic attribute type
A characteristic is an attribute type which contains a single value and any number of
descriptors describing the characteristic value that may make it understandable by the user.
A characteristic exposes the type of data that the value represents, if the value can be read
or written, how to configure the value to be indicated or notified, and it says what a value
means.
A characteristic has the following components:
1.
Characteristic declaration
2.
Characteristic value
3.
Characteristic descriptor(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com