Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 10 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 6Page - STMicroelectronics PM0237 Datasheet HTML 7Page - STMicroelectronics PM0237 Datasheet HTML 8Page - STMicroelectronics PM0237 Datasheet HTML 9Page - STMicroelectronics PM0237 Datasheet HTML 10Page - STMicroelectronics PM0237 Datasheet HTML 11Page - STMicroelectronics PM0237 Datasheet HTML 12Page - STMicroelectronics PM0237 Datasheet HTML 13Page - STMicroelectronics PM0237 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
Bluetooth low energy technology
PM0237
10/88
DocID027104 Rev 2
2402 + k * 2 MHz, where k = 0..39;
There are two channels types:
1.
Advertising channels that use three fixed RF channels (37, 38 and 39) for:
a)
Advertising channel packets
b)
Packets used for discoverability/connectability
c)
Used for broadcasting/scanning
2.
Data physical channel uses the other 37 RF channels for bidirectional communication
between connected devices.
BLE is an Adaptive Frequency Hopping (AFH) technology that can use only a subset of all
the available frequencies in order to avoid the frequencies used by other no-adaptive
technologies. This allows to move from a bad channel to a known good channel by using a
specific frequency hopping algorithm which determines the next good channel to be used.
Table 1. BLE RF channel types and frequencies
Channel index
RF center frequency
Channel type
37
2402 MHz
Advertising channel
0
2404 MHz
Data channel
1
2406 MHz
Data channel
….
….
Data channel
10
2424 MHz
Data channel
38
2426 MHz
Advertising channel
11
2428 MHz
Data channel
12
2430 MHz
Data channel
….
….
Data channel
36
2478 MHz
Data channel
39
2480 MHz
Advertising channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com