Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 24 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 20Page - STMicroelectronics PM0237 Datasheet HTML 21Page - STMicroelectronics PM0237 Datasheet HTML 22Page - STMicroelectronics PM0237 Datasheet HTML 23Page - STMicroelectronics PM0237 Datasheet HTML 24Page - STMicroelectronics PM0237 Datasheet HTML 25Page - STMicroelectronics PM0237 Datasheet HTML 26Page - STMicroelectronics PM0237 Datasheet HTML 27Page - STMicroelectronics PM0237 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 88 page
background image
Bluetooth low energy technology
PM0237
24/88
DocID027104 Rev 2
A characteristic declaration contains the value of the characteristic. This value is the first
attribute after the characteristic declaration:
1.8.2
Characteristic descriptors type
Characteristic descriptors are used to describe the characteristic value for adding a specific
“meaning” to the characteristic and making it understandable by the user. The following
characteristic descriptors are available:
1.
Characteristic extended properties: it allows to add extended properties to the
characteristic
2.
Characteristic user description: it enables the device to associate a text string to the
characteristic;
3.
Client characteristic configuration: it is mandatory if the characteristic can be notified or
indicated. Client application must write this characteristic descriptor for enabling
characteristic notification or indication (provided that the characteristic property allows
notification or indication);
4.
Server characteristic configuration: optional descriptor
5.
Characteristic presentation format: it allows to define the characteristic value
presentation format through some fields as format, exponent, unit namespace,
description in order to correctly display the related value (example temperature
measurement value in oC format);
6.
Characteristic aggregation format: It allows to aggregate several characteristic
presentation formats.
For a detailed description of the characteristic descriptors, refer to the Bluetooth
specification v4.0.
1.8.3
Service attribute type
A service is a collection of characteristics which operate together to provide a global service
to an applicative profile. For example, the Health Thermometer service includes
characteristics for a temperature measurement value, and a time interval between
measurements. A service or primary service can refer other services that are called
secondary services.
A service is defined as follows:
Table 13. Characteristic value
Attribute handle
Attribute type
Attribute value
Attribute permissions
0xNNNN
0xuuuu – 16 bits or 128
bits for characteristic
UUID
Characteristic value
Higher layer profile or
implementation specific
Table 14. Service declaration
Attribute handle
Attribute type
Attribute value
Attribute permissions
0xNNNN
0x2800 – UUID for
“Primary Service” or
0x2801 – UUID for
“Secondary Service”
0xuuuu – 16 bits or 128
bits for Service UUID
Read only,
No authentication,
No authorization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com