Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 56 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 52Page - STMicroelectronics PM0237 Datasheet HTML 53Page - STMicroelectronics PM0237 Datasheet HTML 54Page - STMicroelectronics PM0237 Datasheet HTML 55Page - STMicroelectronics PM0237 Datasheet HTML 56Page - STMicroelectronics PM0237 Datasheet HTML 57Page - STMicroelectronics PM0237 Datasheet HTML 58Page - STMicroelectronics PM0237 Datasheet HTML 59Page - STMicroelectronics PM0237 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 88 page
background image
Design an application using BlueNRG, BlueNRG-MS ACI APIs
PM0237
56/88
DocID027104 Rev 2
3.4.1
Set discoverable mode & use direct connection establishment
procedure
The following pseudocode example illustrates only the specific steps to be followed for
putting a GAP Peripheral device in general discoverable mode, and for a GAP central
device to direct connect to it through a direct connection establishment procedure.
/* GAP Peripheral:
general discoverable mode (and no scan response is sent)
*/
Note:
Note: It is assumed that the device public address has been set during the initialization
phase as follows:
uint8_t bdaddr[] = {0x12, 0x34, 0x00, 0xE1, 0x80, 0x02};
ret=aci_hal_write_config_data(CONFIG_DATA_PUBADDR_OFFSET,CONFIG_DATA_PUBAD
DR_LEN, bdaddr);
if (ret != BLE_STATUS_SUCCESS) PRINTF("Failure.\n")}
*/
void GAP_Peripheral_Make_Discoverable(void )
{
tBleStatus ret;
const char local_name[]=
{AD_TYPE_COMPLETE_LOCAL_NAME,'B','l','u','e','N','R','G','_','T','e','s','
t'};
/* disable scan response: passive scan */
hci_le_set_scan_resp_data(0,NULL);
/* Put the GAP peripheral in general discoverable mode:
Advertising_Event_Type: ADV_IND (undirected scannable and connectable);
Adv_Interval_Min: 0;
Adv_Interval_Max: 0;
Address_Type: PUBLIC_ADDR (public address: 0x00);
aci_gap_start_selective_conn_establishment()
It starts a selective connection establishment
procedure. The GAP adds the specified device
addresses into white list and enables scanning
in the controller with the scanner filter policy set
to “accept packets only from devices in
whitelist”. All the devices found are sent to the
upper layer by the event
EVT_BLUE_GAP_DEVICE_FOUND on
BlueNRG device and
EVT_LE_ADVERTISING_REPORT on
BlueNRG-MS device.
aci_gap_terminate_gap_procedure()
Terminate the specified GAP procedure.
Table 36. ACI: connection procedures APIs (continued)
ACI API
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com