Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 66 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 62Page - STMicroelectronics PM0237 Datasheet HTML 63Page - STMicroelectronics PM0237 Datasheet HTML 64Page - STMicroelectronics PM0237 Datasheet HTML 65Page - STMicroelectronics PM0237 Datasheet HTML 66Page - STMicroelectronics PM0237 Datasheet HTML 67Page - STMicroelectronics PM0237 Datasheet HTML 68Page - STMicroelectronics PM0237 Datasheet HTML 69Page - STMicroelectronics PM0237 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 88 page
background image
Design an application using BlueNRG, BlueNRG-MS ACI APIs
PM0237
66/88
DocID027104 Rev 2
Alternatively, if the user wants to set the authentication requirements with a fixed pin
0x123456 (no pass key event is required), the following pseudocode can be used:
tBleStatus ret;
ret = aci_gap_set_auth_requirement(MITM_PROTECTION_REQUIRED,
OOB_AUTH_DATA_ABSENT,NULL,
7,
16,
USE_FIXED_PIN_FOR_PAIRING,
0x123456,/* Fixed pin */
BONDING
);
if (ret != BLE_STATUS_SUCCESS) PRINTF("Failure.\n")}
NOTEs:
1.
When the pairing procedure is started by calling the described APIs
(aci_gap_slave_security_request() or aci_gap_send_pairing_request()) and
the value ret = BLE_STATUS_SUCCESS is returned, on termination of the procedure, a
EVT_BLUE_GAP_PAIRING_CMPLT
event is returned on the HCI_Event_CB() event
callback to indicate the pairing status:
•
0x00: Pairing success;
•
0x01: Pairing Timeout;
•
0x02: Pairing Failed.
The pairing status is given from the status field of the evt_gap_pairing_cmplt data
associated to the EVT_BLUE_GAP_PAIRING_CMPLT event.
2.
When 2 devices get paired, the link is automatically encrypted during the first
connection. If bonding is also enabled (keys are stored for a future time), when the 2
devices get connected again, the link can be simply encrypted (without no need to
perform again the pairing procedure). Host applications can simply use the same APIs
which will not perform the paring process but will just encrypt the link:
•
aci_gap_slave_security_request()
on the GAP Peripheral (slave) device
or
•
aci_gap_send_pairing_request()
on the GAP Central (master ) device.
3.
If a slave has already bonded with a master, it can send a slave security request to the
master to encrypt the link. When receiving the slave security request, the master may
encrypt the link, initiate the pairing procedure, or reject the request. Typically, the
master only encrypts the link, without performing the pairing procedure. Instead, if the
master starts the pairing procedure, it means that for some reasons, the master lost its
bond information, so it has to start the pairing procedure again. As a consequence, the
slave device receives the EVT_BLUE_GAP_BOND_LOST event to inform the host
application that it is not bonded anymore with the master it was previously bonded.
Then, the slave application can decide to allow the security manager to complete the
pairing procedure and re-bond with the master by calling the command
aci_gap_allow_rebond(),
or just close the connection and inform the user about the
security issue.
4.
Alternatively, the out-of-band method can be selected by using the
aci_gap_set_auth_requirement() with OOB_Enable field enabled and the OOB data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com