Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 9 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 5Page - STMicroelectronics PM0237 Datasheet HTML 6Page - STMicroelectronics PM0237 Datasheet HTML 7Page - STMicroelectronics PM0237 Datasheet HTML 8Page - STMicroelectronics PM0237 Datasheet HTML 9Page - STMicroelectronics PM0237 Datasheet HTML 10Page - STMicroelectronics PM0237 Datasheet HTML 11Page - STMicroelectronics PM0237 Datasheet HTML 12Page - STMicroelectronics PM0237 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
DocID027104 Rev 2
9/88
PM0237
Bluetooth low energy technology
88
In addition, Bluetooth specification v4.1 have been released with new supported features:
Multiple roles simultaneously support
Support simultaneous advertising and scanning
Support being Slave of up to two Masters simultaneously
Privacy V1.1
Low Duty Cycle Directed Advertising
Connection parameters request procedure
LE Ping
32 bits UUIDs
L2CAP Connection Oriented Channels
For more information about these new features refer to the related specification document.
Figure 2. Bluetooth low energy stack architecture
1.2
Physical layer
The physical layer is a 1 Mbps adaptive frequency-hopping Gaussian Frequency Shift
Keying (GFSK) radio. It operates in the license free 2.4 GHz ISM band at 2400-2483.5 MHz.
Many other standards use this band: IEEE 802.11, IEEE 802.15.
The BLE system uses 40 RF channels (0-39), with 2 MHz spacing. These RF channels
have frequencies centered at:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com