Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 15 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 11Page - STMicroelectronics PM0237 Datasheet HTML 12Page - STMicroelectronics PM0237 Datasheet HTML 13Page - STMicroelectronics PM0237 Datasheet HTML 14Page - STMicroelectronics PM0237 Datasheet HTML 15Page - STMicroelectronics PM0237 Datasheet HTML 16Page - STMicroelectronics PM0237 Datasheet HTML 17Page - STMicroelectronics PM0237 Datasheet HTML 18Page - STMicroelectronics PM0237 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 88 page
background image
DocID027104 Rev 2
15/88
PM0237
Bluetooth low energy technology
88
1.3.2
Advertising state
Advertising states allow Link Layer to transmit advertising packets and also to respond with
scan responses to scan requests coming from devices which are actively scanning.
An advertiser device can be moved to a standby state by stopping the advertising.
Each time a device advertises, it sends the same packet on each of the three advertising
channels. This three packets sequence is called an advertising event. The time between two
advertising events is referred to as the advertising interval, which can go from 20
milliseconds to every 10.28 seconds.
Following is an example of advertising packet that lists the Service UUID that the device
implements (General Discoverable flag, tx power = 4dbm, Service data = temperature
service and 16 bits service UUIDs).
Figure 5. Advertising packet with AD type flags
The Flags AD type byte contains the following flag bits:
•
Limited Discoverable Mode (bit 0);
•
General Discoverable Mode (bit 1);
•
BR/EDR Not Supported (bit 2, It is 1 on BLE);
•
Simultaneous LE and BR/EDR to Same Device Capable (Controller) (bit 3);
•
Simultaneous LE and BR/EDR to Same Device Capable (Host) (bit 4)
The Flags AD type shall be included in the advertising data if any of the bits are non-zero (it
is not included in scan response).
The following advertising parameters can be set before enabling advertising:
•
Advertising interval;
•
Advertising address type;
•
Advertising device address;
•
Advertising channel map: which of the three advertising channels should be used;
•
Advertising filter policy:
–
Process scan/connection requests from devices in the white list
–
Process all scan/connection requests (default advertiser filter policy)
–
Process connection requests from all devices but only scan requests in the white
list
–
Process scan requests from all devices but only connection requests in the white
list



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com