Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 48 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 44Page - STMicroelectronics PM0237 Datasheet HTML 45Page - STMicroelectronics PM0237 Datasheet HTML 46Page - STMicroelectronics PM0237 Datasheet HTML 47Page - STMicroelectronics PM0237 Datasheet HTML 48Page - STMicroelectronics PM0237 Datasheet HTML 49Page - STMicroelectronics PM0237 Datasheet HTML 50Page - STMicroelectronics PM0237 Datasheet HTML 51Page - STMicroelectronics PM0237 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 88 page
background image
Design an application using BlueNRG, BlueNRG-MS ACI APIs
PM0237
48/88
DocID027104 Rev 2
3.2
BlueNRG, BlueNRG-MS events and events Callback
Whenever there is an ACI event to be processed, the ACI framework notifies this event to
the user application through the HCI_Event_CB() callback. The HCI_Event_CB() callback
is called within the HCI_Process() on file hci.c.
As a consequence, user application is requested to :
1.
Define the void HCI_Event_CB(void *pckt) function within his main application
(pckt is a pointer to the received ACI packet)
2.
Based on its own application scenario, the user has to identify the required device
events to be detected and handled and the application specific actions to be done as
consequence of such events.
When implementing a BLE application, the most common and widely used device events
are the ones related to the discovery, connection, terminate procedures, services and
characteristics discovery procedures, attribute modified events on a GATT server and
attribute notification/ indication events on a GATT client.
Table 33. ACI: main events, sub-events
Event/sub-event
Description
Main event
Where
EVT_DISCONN_COMPLETE
A connection is terminated
NA
GAP
central/
peripheral
EVT_LE_CONN_COMPLETE
Indicates to both of the Hosts
forming the connection that a new
connection has been established
EVT_LE_META_
EVENT
GAP
central/
peripheral
EVT_BLUE_GATT_ATTRIBUTE_MODIFIED
Generated by the GATT server
when a client modifies any
attribute on the server, if event is
enabled.
EVT_VENDOR
GATT
server
EVT_BLUE_GATT_NOTIFICATION
Generated by the GATT client
when a server notifies any
attribute on the client
EVT_VENDOR
GATT
client
EVT_BLUE_GATT_INDICATION
Generated by the GATT client
when a server indicates any
attribute on the client
EVT_VENDOR
GATT
client
EVT_BLUE_GAP_PASS_KEY_REQUEST
Generated by the Security
manager to the application when a
passkey is required for pairing.
When this event is received, the
application has to respond with
the aci_gap_pass_key_response
() API
EVT_VENDOR
GAP
central/
peripheral
EVT_BLUE_GAP_PAIRING_CMPLT
Generated when the pairing
process has completed
successfully or a pairing
procedure timeout has occurred
or the pairing has failed
EVT_VENDOR
GAP
central/
peripheral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com