Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 81 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 77Page - STMicroelectronics PM0237 Datasheet HTML 78Page - STMicroelectronics PM0237 Datasheet HTML 79Page - STMicroelectronics PM0237 Datasheet HTML 80Page - STMicroelectronics PM0237 Datasheet HTML 81Page - STMicroelectronics PM0237 Datasheet HTML 82Page - STMicroelectronics PM0237 Datasheet HTML 83Page - STMicroelectronics PM0237 Datasheet HTML 84Page - STMicroelectronics PM0237 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 88 page
background image
DocID027104 Rev 2
81/88
PM0237
Design an application using BlueNRG, BlueNRG-MS ACI APIs
88
Figure 10. BlueNRG-MS simultaneous Master & Slave scenario
1.
One BlueNRG-MS device (called Master&Slave) is configured as Central & Peripheral
by setting role as GAP_PERIPHERAL_ROLE | GAP_CENTRAL_ROLE on
GAP_Init()
API. Further it is configured with stack mode 3 for being able to connect
to more than one Peripheral device. Let’s also assume that this device define a service
with a characteristic.
2.
Two BlueNRG-MS devices (called Slave_A, Slave_B) are configured as Peripheral by
setting role as GAP_PERIPHERAL_ROLE on GAP_Init() API. Both Slave_A and
Slave_B define the same service and characteristic as Master&Slave device.
3.
One BlueNRG-MS device (called Master) is configured as Central by setting role as
GAP_CENTRAL_ROLE
on GAP_Init() API.
4.
Both Slave_A and Slave_B devices enter in discovery mode as follows:
ret =aci_gap_set_discoverable(Advertising_Type= 0x00,
Advertising_Interval_Min=0x20,
Advertising_Interval_Max=0x100,
Local_Name_Length=0x05,
Local_Name=[0x08,0x74,0x65,0x73,0x74],
Slave_Conn_Interval_Min = 0x0006,
Slave_Conn_Interval_Max = 0x0008)
5.
Master&Slave device performs a discovery procedure in order to discover the
peripheral devices Slave_A and Slave_B:
ret = aci_gap_start_gen_disc_proc (LE_Scan_Interval=0x10,
LE_Scan_Window=0x10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com