Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0237 Datasheet(PDF) 37 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 33Page - STMicroelectronics PM0237 Datasheet HTML 34Page - STMicroelectronics PM0237 Datasheet HTML 35Page - STMicroelectronics PM0237 Datasheet HTML 36Page - STMicroelectronics PM0237 Datasheet HTML 37Page - STMicroelectronics PM0237 Datasheet HTML 38Page - STMicroelectronics PM0237 Datasheet HTML 39Page - STMicroelectronics PM0237 Datasheet HTML 40Page - STMicroelectronics PM0237 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 88 page
background image
DocID027104 Rev 2
37/88
PM0237
BlueNRG, BlueNRG-MS stacks architecture and ACI
88
When using another external microcontroller these files should be ported/adapted for
addressing the ACI SPI communication.
In order to proper setup the ACI SPI interface, user is only requested to perform the
following steps at initialization time, on main() function:
1.
Init SPI interface by calling the following API:
SdkEvalSpiInit(SPI_MODE_EXTI);
2.
Reset the BlueNRG module by calling the following API:
BlueNRG_RST();
The user is also requested to place HCI_Isr() within the SPI_IRQ_IRQHandler() handler on
file stm32l1xx_it.c: this allows BlueNRG, BlueNRG-MS device to use the SPI IRQ pin to
notify the external microcontroller (SPI master) when it has data to be read.
Table 29. ACI Interface resources files
File
Description
Location
Notes
SDK_EVAL_SPI_Driver.[ch
]
Main APIs
handling SPI
communicatio
n with
BlueNRG,
BlueNRG-MS
device
platform\STM32L1XX\Libraries\SDK_Eval_STM
32L\src
These APIs are
mapped to the
specific
microcontroller low
level drivers
handling the SPI
peripheral
(stm32l1xx_spi.c)
hal.[ch]
Other APIs
handling
communicatio
n with
BlueNRG,
BlueNRG-MS
device
platform\STM32L1XX
clock.[ch]
SPI timer
APIs
platform\STM32L1XX
It provides the low
level APIs handling
the SPI timeouts
stm32l1xx_it.c
Main Interrupt
Service
Routines
It is defined within the specific user application
folder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com