Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM342-RTR Datasheet(PDF) 47 Page - Silicon Laboratories

Part # EM342-RTR
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM342-RTR Datasheet(HTML) 47 Page - Silicon Laboratories

Back Button EM342-RTR Datasheet HTML 43Page - Silicon Laboratories EM342-RTR Datasheet HTML 44Page - Silicon Laboratories EM342-RTR Datasheet HTML 45Page - Silicon Laboratories EM342-RTR Datasheet HTML 46Page - Silicon Laboratories EM342-RTR Datasheet HTML 47Page - Silicon Laboratories EM342-RTR Datasheet HTML 48Page - Silicon Laboratories EM342-RTR Datasheet HTML 49Page - Silicon Laboratories EM342-RTR Datasheet HTML 50Page - Silicon Laboratories EM342-RTR Datasheet HTML 51Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 143 page
background image
EM342
Rev 1.0
47
6.5.5. Registers
Address: 0x40004038 Reset: 0x0
6.6. Security Accelerator
The EM342 contains a hardware AES encryption engine accessible from the ARM® CortexTM-M3. NIST-based
CCM, CCM*, CBC-MAC, and CTR modes are implemented in hardware. These modes are described in the IEEE
802.15.4-2003 specification, with the exception of CCM*, which is described in the ZigBee Security Services
Specification 1.0
.
Register 6.1. PERIPHERAL_DISABLE
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
Name
0
0
PERIDIS_RSVD
0
0
0
PERIDIS_SC1
0
Bitname
Bitfield
Access
Description
PERIDIS_RSVD
[5]
RW
Reserved: This bit can change during normal operation. When writing to
PERIPHERAL_DISABLE, the value of this bit must be preserved.
PERIDIS_SC1
[1]
RW
Disable the clock to the SC1 peripheral.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com