Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM342-RTR Datasheet(PDF) 10 Page - Silicon Laboratories

Part # EM342-RTR
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM342-RTR Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button EM342-RTR Datasheet HTML 6Page - Silicon Laboratories EM342-RTR Datasheet HTML 7Page - Silicon Laboratories EM342-RTR Datasheet HTML 8Page - Silicon Laboratories EM342-RTR Datasheet HTML 9Page - Silicon Laboratories EM342-RTR Datasheet HTML 10Page - Silicon Laboratories EM342-RTR Datasheet HTML 11Page - Silicon Laboratories EM342-RTR Datasheet HTML 12Page - Silicon Laboratories EM342-RTR Datasheet HTML 13Page - Silicon Laboratories EM342-RTR Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 143 page
background image
EM342
10
Rev 1.0
TX Current
Radio transmitter, MAC, and base-
band
25 °C and 1.8 V core; max. power out
(+3 dBm typical)
ARM® CortexTM-M3 sleeping, CPU
clock set to 12 MHz
—
26.0
—
mA
Total TX current ( = IRadio transmit-
ter, MAC and baseband, CPU +
IRAM, and flash memory)
25 °C, VDD_PADS=3.0 V; maximum
power setting (+8 dBm); ARM®
CortexTM-M3 running at 12 MHz
—
42.5
—
mA
25 °C, VDD_PADS=3.0 V; +3 dBm
power setting; ARM® CortexTM-M3
running at 12 MHz
—
30.0
—
mA
25 °C, VDD_PADS=3.0 V; 0 dBm power
setting; ARM® CortexTM-M3 running at
12 MHz
—
27.5
—
mA
25 °C, VDD_PADS=3.0 V; minimum
power setting; ARM® CortexTM-M3
running at 12 MHz
—
21.5
—
mA
25 °C, VDD_PADS=3.0 V; maximum
power setting (+8 dBm); ARM® Cor-
texTM-M3 running at 24 MHz
—
43.5
—
mA
25 °C, VDD_PADS=3.0 V; +3 dBm
power setting; ARM® CortexTM-M3
running at 24 MHz
—
31.0
—
mA
25 °C, VDD_PADS=3.0 V; 0 dBm power
setting; ARM® CortexTM-M3 running at
24 MHz
—
28.5
—
mA
25 °C, VDD_PADS=3.0 V; minimum
power setting; ARM® CortexTM-M3
running at 24 MHz
—
22.5
—
mA
Table 2.4. DC Characteristics (Continued)
Measured on Silicon Labs’ EM357 reference design with TA = 25 °C and VDD = 3 V, unless otherwise noted.
Parameter
Test Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com