Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM342-RTR Datasheet(PDF) 20 Page - Silicon Laboratories

Part # EM342-RTR
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM342-RTR Datasheet(HTML) 20 Page - Silicon Laboratories

Back Button EM342-RTR Datasheet HTML 16Page - Silicon Laboratories EM342-RTR Datasheet HTML 17Page - Silicon Laboratories EM342-RTR Datasheet HTML 18Page - Silicon Laboratories EM342-RTR Datasheet HTML 19Page - Silicon Laboratories EM342-RTR Datasheet HTML 20Page - Silicon Laboratories EM342-RTR Datasheet HTML 21Page - Silicon Laboratories EM342-RTR Datasheet HTML 22Page - Silicon Laboratories EM342-RTR Datasheet HTML 23Page - Silicon Laboratories EM342-RTR Datasheet HTML 24Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 143 page
background image
EM342
20
Rev 1.0
2.7.3. Synthesizer
Table 2.10 lists the key parameters of the integrated synthesizer on the EM342.
Table 2.10. Synthesizer Characteristics
Measured on Silicon Labs’ EM357 reference design with TA = 25 °C and VDD = 3 V, unless otherwise noted.
Parameter
Test Condition
Min
Typ
Max
Unit
Frequency range
2400
2500
MHz
Frequency resolution
11.7
kHz
Lock time
From off
100
μs
Relock time
Channel change or RX/TX turnaround
(IEEE 802.15.4-2003 defines 192 μs
turnaround time)
100
μs
Phase noise at 100 kHz offset
–75
dBc/Hz
Phase noise at 1 MHz offset
–100
dBc/Hz
Phase noise at 4 MHz offset
–108
dBc/Hz
Phase noise at 10 MHz offset
–114
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com