Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM342-RTR Datasheet(PDF) 22 Page - Silicon Laboratories

Part # EM342-RTR
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM342-RTR Datasheet(HTML) 22 Page - Silicon Laboratories

Back Button EM342-RTR Datasheet HTML 18Page - Silicon Laboratories EM342-RTR Datasheet HTML 19Page - Silicon Laboratories EM342-RTR Datasheet HTML 20Page - Silicon Laboratories EM342-RTR Datasheet HTML 21Page - Silicon Laboratories EM342-RTR Datasheet HTML 22Page - Silicon Laboratories EM342-RTR Datasheet HTML 23Page - Silicon Laboratories EM342-RTR Datasheet HTML 24Page - Silicon Laboratories EM342-RTR Datasheet HTML 25Page - Silicon Laboratories EM342-RTR Datasheet HTML 26Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 143 page
background image
EM342
22
Rev 1.0
Figure 3.1 shows a detailed block diagram of the EM342.
Figure 3.1. EM342 Block Diagram
The EM342 radio receiver is a low-IF, super-heterodyne receiver. The architecture has been chosen to optimize co-
existence with other devices in the 2.4 GHz band (namely Wi-Fi and Bluetooth), and to minimize power
consumption. The receiver uses differential signal paths to reduce sensitivity to noise interference. Following RF
amplification, the signal is downconverted by an image-rejecting mixer, filtered, and then digitized by an ADC.
The digital section of the receiver uses a coherent demodulator to generate symbols for the hardware-based MAC.
The digital receiver also contains the analog radio calibration routines, and controls the gain within the receiver
path.
The radio transmitter uses an efficient architecture in which the data stream directly modulates the VCO frequency.
An integrated PA provides the output power. Digital logic controls TX path and output power calibration. If the
EM342 is to be used with an external PA, use the TX_ACTIVE or nTX_ACTIVE signal to control the timing of the
external switching logic.
The integrated 4.8 GHz VCO and loop filter minimize off-chip circuitry. Only a 24 MHz crystal with its loading
capacitors is required to establish the PLL local oscillator signal.
The MAC interfaces the on-chip RAM to the RX and TX baseband modules. The MAC provides hardware-based
IEEE 802.15.4-2003 packet-level filtering. It supplies an accurate symbol time base that minimizes the
synchronization effort of the Ember software and meets the protocol timing requirements. In addition, it provides
timer and synchronization assistance for the IEEE 802.15.4-2003 CSMA-CA algorithm.
The EM342 integrates hardware support for a packet trace module, which allows robust packet-based debug. This
element is a critical component of Ember Desktop, the Ember development environment, and provides advanced
network debug capability when used with the Ember Debug Adapter (ISA3).
The EM342 integrates an ARM® CortexTM-M3 microprocessor, revision r1p1. This industry-leading core provides
32-bit performance and is very power-efficient. It has excellent code density using the ARM® Thumb-2 instruction
ADC
RF_P,N
Program
Flash
128kB
Data
SRAM
12kB
HF crystal
OSC
LF crystal
OSC
Serial
Wire and
JTAG
debug
Internal LF
RC-OSC
GPIO multiplexor switch
Chip
manager
1.8V
Regulator
Bias
2
nd level
Interrupt
controller
RF_TX_ALT_P,N
OSCA
OSCB
Encryption
acclerator
IF
Always
Powered
Domain
ARM® Cortex-M3TM
CPU with NVIC
and MPU
VREG_OUT
Watchdog
PA select
LNA
PA
PA
DAC
MAC
+
Baseband
Sleep
timer
BIAS_R
POR
nRESET
GPIO
registers
UART/SPI
SYNTH
Internal HF
RC-OSC
TX_ACTIVE
SWCLK,
JTCK
Calibration
ADC
Packet Trace
CPU debug
TPIU/ITM/
FPB/DWT
1.25V
Regulator
VDD_CORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com