Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM342-RTR Datasheet(PDF) 50 Page - Silicon Laboratories

Part # EM342-RTR
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM342-RTR Datasheet(HTML) 50 Page - Silicon Laboratories

Back Button EM342-RTR Datasheet HTML 46Page - Silicon Laboratories EM342-RTR Datasheet HTML 47Page - Silicon Laboratories EM342-RTR Datasheet HTML 48Page - Silicon Laboratories EM342-RTR Datasheet HTML 49Page - Silicon Laboratories EM342-RTR Datasheet HTML 50Page - Silicon Laboratories EM342-RTR Datasheet HTML 51Page - Silicon Laboratories EM342-RTR Datasheet HTML 52Page - Silicon Laboratories EM342-RTR Datasheet HTML 53Page - Silicon Laboratories EM342-RTR Datasheet HTML 54Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 143 page
background image
EM342
50
Rev 1.0
7.3. Forced Functions
For some GPIOs, the GPIO_PxCFGH/L configuration will be overridden. These functions are forced when the
EM342 is reset and remain forced until software overrides the forced functions. Table 7.2 shows the GPIOs that
have different functions forced on them regardless of the GPIO_PxCFGH/L registers.
PA7 is forced to be the regulator enable signal, REG_EN. If an external regulator is used and controlled through
REG_EN, PA7’s forced functionality must not be overridden. If an external regulator is not used, REG_EN may be
disabled and PA7 may be reclaimed as a normal GPIO. Disabling REG_EN is done by clearing the bit
GPIO_EXTREGEN in the GPIO_DBGCFG register.
PC0, PC2, PC3, and PC4 are forced to be the Serial Wire and JTAG (SWJ) Interface. When the EM342 resets,
these four GPIOs are forced to operate in JTAG mode. Switching the debug interface between JTAG mode and
Serial Wire mode can only be accomplished by the external debug tool and cannot be affected by software
executing on the EM342. Due to the fact that Serial Wire mode can only be invoked by an external debug tool and
JTAG mode is forced when the EM342 resets, a designer must treat all four debug GPIOs as working in unison
even though the Serial Wire interface only uses one of the GPIO, PC4.
Note: An application must disable all debug SWJ debug functionality to reclaim any of the four GPIOs: PC0, PC2, PC3, and
PC4. Disabling SWJ debug functionality prevents external debug tools from operating, including flash programming and
high-level debug tools.
Disabling the SWJ debugger interface is accomplished by setting the GPIO_DEBUGDIS bit in the GPIO_DBGCFG
register. When this bit is set, all debugger-related pins (PC0, PC2, PC3, PC4) behave as standard GPIOs. If the
SWJ debugger interface is already active, the bit GPIO_DEBUGDIS cannot be set. When GPIO_DEBUGDIS is
set, the SWJ debugger interface can be reclaimed by activating the SWJ while the EM342 is held in reset. If the
SWJ debugger interface is forced active in this manner, the bit GPIO_FORCEDBG is set in the GPIO_DBGSTAT
register. The SWJ debugger interface is defined as active when the CDBGPWRUPREQ signal, a bit in the debug
port’s CRTL/STAT register in the SWJ, is set high by an external debug tool.
7.4. Reset
A full chip reset is one due to power on (low or high voltage), the nRESET pin, the watchdog, or the
SYSRESETREQ bit. A full chip reset affects the GPIO configuration as follows:

The GPIO_PxCFGH/L configurations of all pins are configured as floating inputs.

The GPIO_EXTREGEN bit is set in the GPIO_DBGCFG register, which overrides the normal configuration
for PA7.

The GPIO_DEBUGDIS bit in the GPIO_DBGCFG register is cleared, allowing Serial Wire/JTAG access to
override the normal configuration of PC0, PC2, PC3, and PC4.
Table 7.2. GPIO Forced Functions
GPIO
Forced Mode
Forced Signal
PA7
Open-drain output
REG_EN
PC0
Input with pull up
JRST
PC2
Push-pull output
JTDO
PC3
Input with pull up
JDTI
PC4*
Input with pull up
JTMS
PC4*
Bidirectional (push-pull output or floating input) controlled by debugger interface
SWDIO
*Note: The choice of PC4’s forced signal is controlled by an external debug tool. JTMS is forced when the SWJ is in JTAG
mode, and SWDIO is forced when the SWJ is in Serial Wire mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com