Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM342-RTR Datasheet(PDF) 40 Page - Silicon Laboratories

Part # EM342-RTR
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM342-RTR Datasheet(HTML) 40 Page - Silicon Laboratories

Back Button EM342-RTR Datasheet HTML 36Page - Silicon Laboratories EM342-RTR Datasheet HTML 37Page - Silicon Laboratories EM342-RTR Datasheet HTML 38Page - Silicon Laboratories EM342-RTR Datasheet HTML 39Page - Silicon Laboratories EM342-RTR Datasheet HTML 40Page - Silicon Laboratories EM342-RTR Datasheet HTML 41Page - Silicon Laboratories EM342-RTR Datasheet HTML 42Page - Silicon Laboratories EM342-RTR Datasheet HTML 43Page - Silicon Laboratories EM342-RTR Datasheet HTML 44Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 143 page
background image
EM342
40
Rev 1.0
6.3.1. High-Frequency Internal RC Oscillator (OSCHF)
The high-frequency RC oscillator (OSCHF) is used as the default system clock source when power is applied to
the core domain. The nominal frequency coming out of reset is 12 MHz and Ember software calibrates this clock to
12 MHz. Table 6.6 contains the specification for the high frequency RC oscillator.
Most peripherals, excluding the radio peripheral, are fully functional using the OSCHF clock source. Application
software must be aware that peripherals are clocked at different speeds depending on whether OSCHF or
OSC24M is being used. Since the frequency step of OSCHF is 0.3 MHz and the high-frequency crystal oscillator is
used for calibration, the calibrated accuracy of OSCHF is ±150 kHz ±40 ppm. The UART peripheral may not be
usable due to the lower accuracy of the OSCHF frequency.
6.3.2. High-Frequency Crystal Oscillator (OSC24M)
The high-frequency crystal oscillator (OSC24M) requires an external 24 MHz crystal with an accuracy of ±40 ppm.
Based upon the application’s bill of materials and current consumption requirements, the external crystal may
cover a range of ESR requirements. Table 6.7 contains the specification for the high frequency crystal oscillator.
The crystal oscillator has a software-programmable bias circuit to minimize current consumption. Ember software
configures the bias circuit for minimum current consumption.
All peripherals including the radio peripheral are fully functional using the OSC24M clock source. Application
software must be aware that peripherals are clocked at different speeds depending on whether OSCHF or
OSC24M is being used.
If the 24 MHz crystal fails, a hardware failover mechanism forces the system to switch back to the high-frequency
RC oscillator as the main clock source, and a non-maskable interrupt (NMI) is signaled to the ARM® CortexTM-M3
NVIC.
Table 6.6. High-Frequency RC Oscillator Specification
Parameter
Test Conditions
Min
Typ
Max
Unit
Frequency at reset
6
12
20
MHz
Frequency Steps
0.3
MHz
Duty cycle
40
60
%
Supply dependence
Change in supply = 0.1 V
Test at supply changes: 1.8 to 1.7 V
5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com